Electronic Components Datasheet Search
  English  ▼

X  

AD5160 Datasheet(PDF) 16 Page - Analog Devices

Part # AD5160
Description  256-Position SPI-Compatible Digital Potentiometer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5160 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD5160 Datasheet HTML 8Page - Analog Devices AD5160 Datasheet HTML 9Page - Analog Devices AD5160 Datasheet HTML 10Page - Analog Devices AD5160 Datasheet HTML 11Page - Analog Devices AD5160 Datasheet HTML 12Page - Analog Devices AD5160 Datasheet HTML 13Page - Analog Devices AD5160 Datasheet HTML 14Page - Analog Devices AD5160 Datasheet HTML 15Page - Analog Devices AD5160 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
AD5160
Rev. B | Page 16 of 16
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MO-178-BA
8°
4°
0°
SEATING
PLANE
3.00
2.90
2.80
76
12
34
5
1.95
BSC
0.65 BSC
0.60
BSC
3.00
2.80
2.60
1.70
1.60
1.50
1.30
1.15
0.90
0.15 MAX
0.05 MIN
1.45 MAX
0.95 MIN
0.22 MAX
0.08 MIN
0.38 MAX
0.22 MIN
0.60
0.45
0.30
PIN 1
INDICATOR
8
Figure 43. 8-Lead Small Outline Transistor Package [SOT-23]
(RJ-8)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
RAB (Ω)
Temperature
Package Description
Package Option
Branding
AD5160BRJZ5-R22
5 k
−40°C to +125°C
8-Lead SOT-23
RJ-8
D6Q
AD5160BRJZ5-RL72
5 k
−40°C to +125°C
8-Lead SOT-23
RJ-8
D6Q
AD5160BRJZ10-R22
10 k
−40°C to +125°C
8-Lead SOT-23
RJ-8
D09
AD5160BRJZ10-RL72
10 k
−40°C to +125°C
8-Lead SOT-23
RJ-8
D09
AD5160BRJZ50-R22
50 k
−40°C to +125°C
8-Lead SOT-23
RJ-8
D8J
AD5160BRJZ50-RL72
50 k
−40°C to +125°C
8-Lead SOT-23
RJ-8
D8J
AD5160BRJZ100-R22
100 k
−40°C to +125°C
8-Lead SOT-23
RJ-8
D0B
AD5160BRJZ100-RL72
100 k
−40°C to +125°C
8-Lead SOT-23
RJ-8
D0B
AD5160EVAL3
Evaluation Board
1 The AD5160 contains 2532 transistors. Die size: 30.7 mil × 76.8 mil = 2358 sq. mil.
2 Z = RoHS Compliant Part.
3 The evaluation board is shipped with the 10 kΩ RAB resistor option; however, the board is compatible with all available resistor value options.
©2003–2009 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D03434-0-5/09(B)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com