Electronic Components Datasheet Search
  English  ▼

X  

MP28262EL Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP28262EL
Description  2A, 21V, 1.1MHz Synchronous Step-down Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP28262EL Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP28262EL Datasheet HTML 4Page - Monolithic Power Systems MP28262EL Datasheet HTML 5Page - Monolithic Power Systems MP28262EL Datasheet HTML 6Page - Monolithic Power Systems MP28262EL Datasheet HTML 7Page - Monolithic Power Systems MP28262EL Datasheet HTML 8Page - Monolithic Power Systems MP28262EL Datasheet HTML 9Page - Monolithic Power Systems MP28262EL Datasheet HTML 10Page - Monolithic Power Systems MP28262EL Datasheet HTML 11Page - Monolithic Power Systems MP28262EL Datasheet HTML 12Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
MP28262 – 2A, 21V, SYNCHRONOUS STEP-DOWN CONVERTER WITH INTERNAL MOSFETS
MP28262 Rev. 0.92
www.MonolithicPower.com
8
4/28/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
BLOCK DIAGRAM
Reference
Oscillator
VCC
Regulator
-
+
-
+
HS
Driver
FB
EN/SYNC
IN
Current Sense
Amplifer
Current Limit
Comparator
Error Amplifier
SW
BST
GND
LS
Driver
VCC
+
BOOST
Regulator
Comparator
On Time Control
Logic Control
400K
1MEG
50pF
RSEN
1pF
VCC
PG
PG
Comparator
Figure 1—Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com