Electronic Components Datasheet Search
  English  ▼

X  

AD6645 Datasheet(PDF) 1 Page - Analog Devices

Part # AD6645
Description  14-Bit, 80 MSPS/105 MSPS A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6645 Datasheet(HTML) 1 Page - Analog Devices

  AD6645 Datasheet HTML 1Page - Analog Devices AD6645 Datasheet HTML 2Page - Analog Devices AD6645 Datasheet HTML 3Page - Analog Devices AD6645 Datasheet HTML 4Page - Analog Devices AD6645 Datasheet HTML 5Page - Analog Devices AD6645 Datasheet HTML 6Page - Analog Devices AD6645 Datasheet HTML 7Page - Analog Devices AD6645 Datasheet HTML 8Page - Analog Devices AD6645 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
14-Bit, 80 MSPS/105 MSPS
A/D Converter
AD6645
Rev. D
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2002–2008 Analog Devices, Inc. All rights reserved.
FEATURES
SNR = 75 dB, fIN 15 MHz, up to 105 MSPS
SNR = 72 dB, fIN 200 MHz, up to 105 MSPS
SFDR = 89 dBc, fIN 70 MHz, up to 105 MSPS
100 dBFS multitone SFDR
IF sampling to 200 MHz
Sampling jitter: 0.1 ps
1.5 W power dissipation
Differential analog inputs
Pin compatible to AD6644
Twos complement digital output format
3.3 V CMOS compatible
Data-ready for output latching
APPLICATIONS
Multichannel, multimode receivers
Base station infrastructures
AMPS, IS-136, CDMA, GSM, W-CDMA
Single channel digital receivers
Antenna array processing
Communications instrumentation
Radars, infrared imaging
Instrumentation
GENERAL DESCRIPTION
The AD6645 is a high speed, high performance, monolithic 14-bit
analog-to-digital converter (ADC). All necessary functions,
including track-and-hold (T/H) and reference, are included on the
chip to provide a complete conversion solution. The AD6645
provides CMOS-compatible digital outputs. It is the fourth
generation in a wideband ADC family, preceded by the AD9042
(12-bit, 41 MSPS), the AD6640 (12-bit, 65 MSPS, IF sampling),
and the AD6644 (14-bit, 40 MSPS/65 MSPS).
Designed for multichannel, multimode receivers, the AD6645 is
part of the Analog Devices, Inc., SoftCell® transceiver chipset.
The AD6645 maintains 100 dB multitone, spurious-free dynamic
range (SFDR) through the second Nyquist band. This breakthrough
performance eases the burden placed on multimode digital
receivers (software radios) that are typically limited by the ADC.
Noise performance is exceptional; typical signal-to-noise ratio
(SNR) is 74.5 dB through the first Nyquist band.
The AD6645 is built on the Analog Devices extra fast
complementary bipolar (XFCB) process and uses an innovative,
multipass circuit architecture. Units are available in thermally
enhanced 52-lead PowerQuad 4 (LQFP_PQ4) and 52-lead
exposed pad (TQFP_EP) packages specified from −40°C to
+85°C at 80 MSPS and −10°C to +85°C at 105 MSPS.
PRODUCT HIGHLIGHTS
1.
IF Sampling. The AD6645 maintains outstanding ac
performance up to input frequencies of 200 MHz, suitable
for multicarrier 3G wideband cellular IF sampling receivers.
2.
Pin Compatibility. The ADC has the same footprint and
pin layout as the AD6644 14-bit, 40 MSPS/65 MSPS ADC.
3.
SFDR Performance and Oversampling. Multitone SFDR
performance of 100 dBFS can reduce the requirements of
high end RF components and allows the use of receive
signal processors, such as the AD6620, AD6624/AD6624A,
or AD6636.
FUNCTIONAL BLOCK DIAGRAM
5
6
5
AD6645
AIN
AIN
VREF
ENCODE
ENCODE
GND
DMID
OVR
DRY
D13
MSB
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
LSB
ADC3
TH5
TH4
DAC2
ADC2
TH3
A2
DAC1
DIGITAL ERROR CORRECTION LOGIC
TH2
ADC1
TH1
A1
2.4V
INTERNAL
TIMING
DVCC
AVCC
Figure 1.


Similar Part No. - AD6645

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6645 AD-AD6645 Datasheet
2Mb / 20P
14-Bit, 80 MSPS A/D Converter
REV.0
AD6645 AD-AD6645 Datasheet
121Kb / 3P
Low Jitter Sampling Clock Generator for High Performance ADCs
REV. 0
AD6645 AD-AD6645 Datasheet
776Kb / 24P
14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
AD6645 AD-AD6645 Datasheet
776Kb / 24P
14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
AD6645 AD-AD6645 Datasheet
776Kb / 24P
14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
More results

Similar Description - AD6645

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9432 AD-AD9432 Datasheet
498Kb / 20P
12-Bit, 80 MSPS/105 MSPS A/D Converter
1/02-REV.E
AD9444 AD-AD9444 Datasheet
1Mb / 40P
14-Bit, 80 MSPS, A/D Converter
10/04-Revision 0
logo
National Semiconductor ...
ADC14C065 NSC-ADC14C065 Datasheet
614Kb / 17P
14-Bit, 65/80/95/105 MSPS A/D Converter
logo
Analog Devices
AD9255BCPZRL7-80 AD-AD9255BCPZRL7-80 Datasheet
1Mb / 44P
14-Bit, 125 MSPS/105 MSPS/80 MSPS
REV. C
AD6645ASQ-105 AD-AD6645ASQ-105 Datasheet
776Kb / 24P
14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
AD6645ASVZ-80 AD-AD6645ASVZ-80 Datasheet
776Kb / 24P
14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
AD6645ASVZ-105 AD-AD6645ASVZ-105 Datasheet
776Kb / 24P
14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
AD6645ASQZ-80 AD-AD6645ASQZ-80 Datasheet
776Kb / 24P
14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
AD9432BSQZ-80 AD-AD9432BSQZ-80 Datasheet
504Kb / 20P
12-Bit, 80 MSPS/105 MSPS A/D Converter
Rev. E
AD6645 AD-AD6645_15 Datasheet
776Kb / 24P
14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com