Electronic Components Datasheet Search
  English  ▼

X  

MP28265 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP28265
Description  21V, 5A, 1.1MHz Synchronous Step-down Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP28265 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP28265 Datasheet HTML 1Page - Monolithic Power Systems MP28265 Datasheet HTML 2Page - Monolithic Power Systems MP28265 Datasheet HTML 3Page - Monolithic Power Systems MP28265 Datasheet HTML 4Page - Monolithic Power Systems MP28265 Datasheet HTML 5Page - Monolithic Power Systems MP28265 Datasheet HTML 6Page - Monolithic Power Systems MP28265 Datasheet HTML 7Page - Monolithic Power Systems MP28265 Datasheet HTML 8Page - Monolithic Power Systems MP28265 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
MP28265 – 5A, 21V, SYNCHRONOUS STEP-DOWN CONVERTER WITH INTERNAL MOSFETS
MP28265 Rev. 0.92
www.MonolithicPower.com
5
12/2/2009
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2009 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 12V, VOUT = 1.2V, L = 0.95µH, TA = +25ºC, unless otherwise noted.
Load Regulation
INPUT VOLTAGE (V)
INPUT VOLTAGE (V)
INPUT VOLTAGE (V)
INPUT VOLTAGE (V)
INPUT VOLTAGE (V)
Enable Supply Current
vs. Input Voltage
VFB=1V
Disable Supply Current
vs. Input Voltage
VEN=0V
500
550
600
650
700
750
800
850
900
950
1000
0
5
10
15
20
25
-0.2
-0.15
-0.1
-0.05
0
0.05
0.1
0.15
0.2
0
5
10
15
20
25
VCC Regulator Line Regulation
3.5
4
4.5
5
5.5
6
0
5
10
15
20
25
Peak Current vs. Duty Cycle
5
5.2
5.4
5.6
5.8
6
6.2
6.4
6.6
6.8
7
0 102030405060708090 100
DUTY CYCLE (%)
Operating Range
0.1
1
10
100
0
5
10
15
20
25
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
012345
LOAD CURRENT(A)
VIN=4.5V
VIN=21V
VIN=12V
Line Regulation
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
0
5
10
15
20
25
IOUT=0A
IOUT=2.5A
IOUT=5A
Case Temperature Rise
vs.Output Current
0
10
20
30
40
50
60
012345
OUTPUT CURRENT (A)
Dmax Limit
Minimum on Time Limit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com