| Electronic Components Datasheet Search |
|
AD6645 Datasheet(PDF) 19 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD6645 Datasheet(HTML) 19 Page - Analog Devices |
|
19 / 24 page ![]() AD6645 Rev. D | Page 19 of 24 LAYOUT INFORMATION The schematic of the evaluation board (see Figure 43) represents a typical implementation of the AD6645. A multi- layer board is recommended to achieve best results. It is highly recommended that high quality, ceramic chip capacitors be used to decouple each supply pin to ground directly at the device. The pinout of the AD6645 facilitates ease of use in the implementation of high frequency, high resolution design practices. All of the digital outputs are segregated to two sides of the chip, with the inputs on the opposite side for isolation purposes. Care should be taken when routing the digital output traces. To prevent coupling through the digital outputs into the analog portion of the AD6645, minimal capacitive loading should be placed on these outputs. It is recommended that a fanout of only one gate should be used for all AD6645 digital outputs. The layout of the encode circuit is equally critical. Any noise received on this circuitry results in corruption in the digitization process and lower overall performance. The encode clock must be isolated from the digital outputs and the analog inputs. Table 8. Twos Complement Output Coding AIN Level AIN Level Output State Output Code VREF + 0.55 V VREF − 0.55 V Positive FS 01 1111 1111 1111 VREF VREF Midscale 00 … 0/11 … 1 VREF − 0.55 V VREF + 0.55 V Negative FS 10 0000 0000 0000 JITTER CONSIDERATIONS The SNR for an ADC can be predicted. When normalized to ADC codes, the following equation accurately predicts the SNR based on three terms: jitter, average DNL error, and thermal noise. Each of these terms contributes to the noise within the converter. () 2 / 1 2 2 2 2 2 2 2 ε 1 2 log 20 76 . 1 ⎥ ⎥ ⎦ ⎤ ⎟ ⎟ ⎠ ⎞ ⎜ ⎜ ⎝ ⎛ × × + ⎢ ⎣ ⎡ ⎟ ⎠ ⎞ ⎜ ⎝ ⎛ + + × × π − = n rms NOISE n rms j ANALOG V t f SNR where: fANALOG is the analog input frequency. tj rms is the rms jitter of the encode (rms sum of encode source and internal encode circuitry). ε is the average DNL of the ADC (typically 0.41 LSB). n is the number of bits in the ADC. VNOISE rms is the voltage rms thermal noise that refers to the analog input of the ADC (typically 0.9 LSB rms). For a 14-bit ADC, such as the AD6645, aperture jitter can greatly affect the SNR performance as the analog frequency is increased. Figure 42 shows a family of curves that demonstrate the expected SNR performance of the AD6645 as jitter increases. The chart is derived from the preceding equation. For a complete discussion of aperture jitter, see the AN-756 application note, Sampled Systems and the Effects of Clock Phase Noise and Jitter. The AN-756 application note can be found on www.analog.com. JITTER (ps) 55 60 65 70 75 80 AIN = 110MHz AIN = 150MHz AIN = 190MHz AIN = 30MHz AIN = 70MHz 0 0.1 0.2 0.3 0.4 0.5 0.6 Figure 42. SNR vs. Jitter |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |