Electronic Components Datasheet Search
  English  ▼

X  

APXM030PA Datasheet(PDF) 1 Page - Amphenol Corporation

Part # APXM030PA
Description  New from Amphenol PCD.APeX Galley Connector, Circular
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

APXM030PA Datasheet(HTML) 1 Page - Amphenol Corporation

  APXM030PA Datasheet HTML 1Page - Amphenol Corporation APXM030PA Datasheet HTML 2Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Benefits at a Glance
Intermateable and Interchangeable
Ability to mate with other pre-existing equipment
in the field
Versatility
Crimp termination connection system with
3 Power (10 AWG) & 3 Control (16 AWG)
Blind-Mate Connection
Designed with a key feature to enable quick and
simple, blind-mating
Intuitive and Ergonomic
Smooth, low insertion force to mate connector
Highly Reliable and Durable
Tested to MIL-STD 1344 and EN 2591
standards; high frequency mating
Many Choices
Configurable to PCB contacts; plating options
available
Other High Performance Products
Quick Mount Relay Sockets

Quick and easy installation

No hardware or tools required

Reduces FOD

Lightweight
High Performance P-Clamps

PEEK polymer

Non-corrosive & Non-conductive

Overmolded silicone cushions

Lightweight & durable
The new APeX Galley Connector, Circular is the latest circular connector from Amphenol Pcd.
Designed specifically for legacy and new generation galley systems, it was tested to MIL-STD-
1344 connector and EN 2591 contact standards. Highly reliable and easy to use, this blind-mate
connector is also interchangeable and intermateable with other pre-existing equipment in the field.
New from Amphenol PCD—APeX Galley Connector, Circular
www.amphenolpcd.com
email: info@amphenolpcd.com
978-624-3400
Amphenol Pcd
Luminus Series

Environmentally sealed

Easy to use

Lightweight

Standard AS39029 contacts

Multiple configurations
72 Cherry Hill Drive
Beverly, MA 01915 USA
info@amphenolpcd.com
978-624-3400
Other APeX Rectangular Connectors
30-pin insert, Size 20
Contact us or more information
Part Number
Polarization
Contact
APXM030PB
B
none
APXM130PA
A
CNP820100
APXM130PB
B
CNP820100
APXM030PA
A
none


Similar Part No. - APXM030PA

ManufacturerPart #DatasheetDescription
logo
Altech corporation
APX ALTECH-APX Datasheet
386Kb / 1P
30 mm Non-Illuminated Projecting Momentary Metal Operator APx
logo
Diodes Incorporated
APX1117 DIODES-APX1117 Datasheet
165Kb / 8P
1A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
APX1117 Rev. 1
logo
Anpec Electronics Corop...
APX1690 ANPEC-APX1690 Datasheet
79Kb / 8P
9-Set Over Voltage Protector
APX1690METR ANPEC-APX1690METR Datasheet
79Kb / 8P
9-Set Over Voltage Protector
APX1690METU ANPEC-APX1690METU Datasheet
79Kb / 8P
9-Set Over Voltage Protector
More results

Similar Description - APXM030PA

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
H4TS0000 AMPHENOL-H4TS0000 Datasheet
1Mb / 2P
Amphenol solar connector
IDS-17-5 AMPHENOL-IDS-17-5 Datasheet
275Kb / 2P
Amphenol solar connector
G17S0910110EU AMPHENOL-G17S0910110EU Datasheet
359Kb / 1P
Amphenol Corporation Amphenol Taiwan Corporation
SJS830200 AMPHENOL-SJS830200 Datasheet
1Mb / 4P
New from Amphenol Pcd
logo
List of Unclassifed Man...
PBL04 ETC2-PBL04 Datasheet
60Kb / 1P
NEW PRODUCTS FROM BCL
logo
Amphenol Corporation
SJS830270 AMPHENOL-SJS830270 Datasheet
5Mb / 5P
New from Amphenol PCD - Luminus Series connectors
SJS840300 AMPHENOL-SJS840300 Datasheet
722Kb / 9P
Luminus Series lighting connectors from Amphenol PCD.
SJS840310 AMPHENOL-SJS840310 Datasheet
722Kb / 9P
Luminus Series lighting connectors from Amphenol PCD.
SJS840320 AMPHENOL-SJS840320 Datasheet
722Kb / 9P
Luminus Series lighting connectors from Amphenol PCD.
SJS840340 AMPHENOL-SJS840340 Datasheet
722Kb / 9P
Luminus Series lighting connectors from Amphenol PCD.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com