Electronic Components Datasheet Search
  English  ▼

X  

BA5372 Datasheet(PDF) 1 Page - saftbatteries

Part # BA5372
Description  Primary lithium battery system
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAFT [saftbatteries]
Direct Link  https://www.saftbatteries.com/
Logo SAFT - saftbatteries

BA5372 Datasheet(HTML) 1 Page - saftbatteries

  BA5372 Datasheet HTML 1Page - saftbatteries BA5372 Datasheet HTML 2Page - saftbatteries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
6 V Primary lithium manganese dioxide (Li-MnO
2) battery
Primary lithium battery system
BA 5372
Electrical charachteristics
Nominal OCV
6.5 V
Operating voltage
5.6 V
Cut-off voltage
4 V
Maximum constant current
300 mA
Maximum pulse current
400 mA
Typical capacity at 20 mA to 4V cut-off
at 70°F(21°C)
560 mA at 4.5 mA at 4V cut-off
at -4°F(-20°C)
450 mA at 4.5 mA at 4V cut-off
Operating temperature
-29°C to +71°C /-20°F to +160°F
Storage temperature
Recommended maximum
+35°C / +95°F
Possible
-40°C to + 71°C / -40°F to +160°F
Physical characteristics
Metric
Imperial
Maximum weight
20 g
0.7 oz
Weight of Li metal content
0.4 g
Diameter (max) body
16.8mm 0.66 in
Length (max)
33 mm 1.3 in
References
Reference specifications
MIL-PRF-32271 or Saft standard specification
NATO Stock Number
6135-01-214-6441
The battery consists of 2 LM 17130
cells connected in series, arranged in a
cylindrical construction with nickel plated
button terminals at either end.
Key Features
■ No passivation delay effect
■ Low self-discharge rate
■ Long shelf life
■ Nickel plated button terminals
■ Mylar sleeve
■ Non-restricted to Class 9
Typical applications
■ Memory hold
■ AN/GRC-210
■ AN/PRC-119
■ AN/PSQ-4
■ PATRIOT
■ Others


Similar Part No. - BA5372

ManufacturerPart #DatasheetDescription
logo
Rohm
BA532 ROHM-BA532 Datasheet
114Kb / 2P
13.2V/5.8W Power Amplifier
logo
List of Unclassifed Man...
BA533 ETC1-BA533 Datasheet
163Kb / 1P
Silicljeve planarne signalne diode Silicon planar signal diodes
logo
Rohm
BA534 ROHM-BA534 Datasheet
126Kb / 4P
9V/2.3W single-channel power amplifier BA534
BA536 ROHM-BA536 Datasheet
132Kb / 2P
12V/4.5W Dual Power Amplifier
logo
saftbatteries
BA5360 SAFT-BA5360 Datasheet
475Kb / 2P
Primary lithium battery system
More results

Similar Description - BA5372

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BA-5112 ETC-BA-5112 Datasheet
51Kb / 2P
LITHIUM SULFUR DIOXIDE PRIMARY BATTERY SYSTEM
logo
Analog Devices
AD7280 AD-AD7280 Datasheet
331Kb / 33P
Lithium Ion Battery Monitoring System
Rev. PrD
logo
saftbatteries
BA5599A SAFT-BA5599A Datasheet
211Kb / 2P
Li-SO2 primary battery system
BA5360 SAFT-BA5360 Datasheet
475Kb / 2P
Primary lithium battery system
BA5368 SAFT-BA5368 Datasheet
432Kb / 2P
Primary lithium battery system
BA5380 SAFT-BA5380 Datasheet
513Kb / 2P
Primary lithium battery system
BA5600A SAFT-BA5600A Datasheet
181Kb / 2P
Li-SO2 primary battery system
BA5800A SAFT-BA5800A Datasheet
228Kb / 2P
Li-SO2 primary battery system
BA5847B SAFT-BA5847B Datasheet
243Kb / 2P
Li-SO2 primary battery system
logo
Texas Instruments
BQ35100 TI1-BQ35100 Datasheet
493Kb / 26P
Lithium Primary Battery Fuel Gauge
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com