Electronic Components Datasheet Search
  English  ▼

X  

BA5380 Datasheet(PDF) 1 Page - saftbatteries

Part # BA5380
Description  Primary lithium battery system
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAFT [saftbatteries]
Direct Link  https://www.saftbatteries.com/
Logo SAFT - saftbatteries

BA5380 Datasheet(HTML) 1 Page - saftbatteries

  BA5380 Datasheet HTML 1Page - saftbatteries BA5380 Datasheet HTML 2Page - saftbatteries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
6 V Primary lithium manganese dioxide (Li-MnO
2) battery
Primary lithium battery system
BA 5380
Electrical charachteristics
Typical OCV
6.0 V
Nominal voltage (at 500 mA)
5.4 V
Cut-off
4.0 V
Typical capacity +21˚C / +70˚F
13 Ah
(at 250 mA discharge current)
Operating temperature
-40˚C to +71˚C / -40˚F to +160˚F
Storage (Recommended max)
+35˚C / +95˚F
(Possilbe)
-40˚C to +71˚C / -40˚F to +160˚F
Physical characteristics
Max weight
327 g / 11.5 oz
Weight of Li metal content
7.4 g / 0.26 oz
Max OD
35.51 mm / 1.398 in
Max height
128.5 mm / 5.059 in
Battery case
Plastic
References
Reference specifications
MIL PRF 32271 or Saft standard specification
Nato Stock Number
6135-01-517-4954
The battery consists of 2 LM 33550 cells
connected in series.
Key Features
■ A non-replaceable fuse is
incorporated on the battery negative
■ A normally closed thermal fuse (TCO)
is incorporated in the battery. It is
non-replaceable and non-resettable
■ A blocking diode is incorporated to
prevent charging
■ A non-replaceable fuse is connected
between the two cells for added safety
■ A complete discharge device (CDD)
with LED activation indicator is built
into the battery. The CDD consists of
a manually activated switch to connect
a resistor for discharging the battery
to 0 V
■ Made in the U.S.A.
Typical applications
■ AN/PSN-11 GPS
■ AN/PSN-10 (V) GPS
■ Chemical Agent Monitor


Similar Part No. - BA5380

ManufacturerPart #DatasheetDescription
logo
Rohm
BA532 ROHM-BA532 Datasheet
114Kb / 2P
13.2V/5.8W Power Amplifier
logo
List of Unclassifed Man...
BA533 ETC1-BA533 Datasheet
163Kb / 1P
Silicljeve planarne signalne diode Silicon planar signal diodes
logo
Rohm
BA534 ROHM-BA534 Datasheet
126Kb / 4P
9V/2.3W single-channel power amplifier BA534
BA536 ROHM-BA536 Datasheet
132Kb / 2P
12V/4.5W Dual Power Amplifier
logo
saftbatteries
BA5360 SAFT-BA5360 Datasheet
475Kb / 2P
Primary lithium battery system
More results

Similar Description - BA5380

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BA-5112 ETC-BA-5112 Datasheet
51Kb / 2P
LITHIUM SULFUR DIOXIDE PRIMARY BATTERY SYSTEM
logo
Analog Devices
AD7280 AD-AD7280 Datasheet
331Kb / 33P
Lithium Ion Battery Monitoring System
Rev. PrD
logo
saftbatteries
BA5599A SAFT-BA5599A Datasheet
211Kb / 2P
Li-SO2 primary battery system
BA5360 SAFT-BA5360 Datasheet
475Kb / 2P
Primary lithium battery system
BA5372 SAFT-BA5372 Datasheet
424Kb / 2P
Primary lithium battery system
BA5368 SAFT-BA5368 Datasheet
432Kb / 2P
Primary lithium battery system
BA5600A SAFT-BA5600A Datasheet
181Kb / 2P
Li-SO2 primary battery system
BA5800A SAFT-BA5800A Datasheet
228Kb / 2P
Li-SO2 primary battery system
BA5847B SAFT-BA5847B Datasheet
243Kb / 2P
Li-SO2 primary battery system
logo
Texas Instruments
BQ35100 TI1-BQ35100 Datasheet
493Kb / 26P
Lithium Primary Battery Fuel Gauge
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com