Electronic Components Datasheet Search
  English  ▼

X  

AD7302 Datasheet(PDF) 13 Page - Analog Devices

Part # AD7302
Description  2.7 V to 5.5 V, Parallel Input Dual Voltage Output 8-Bit DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7302 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7302 Datasheet HTML 8Page - Analog Devices AD7302 Datasheet HTML 9Page - Analog Devices AD7302 Datasheet HTML 10Page - Analog Devices AD7302 Datasheet HTML 11Page - Analog Devices AD7302 Datasheet HTML 12Page - Analog Devices AD7302 Datasheet HTML 13Page - Analog Devices AD7302 Datasheet HTML 14Page - Analog Devices AD7302 Datasheet HTML 15Page - Analog Devices AD7302 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
AD7302
–13–
REV. 0
APPLICATIONS
Bipolar Operation Using the AD7302
The AD7302 has been designed for single supply operation,
but bipolar operation is achievable using the circuit shown in
Figure 32. The circuit shown has been configured to achieve an
output voltage range of –5 V < VO < +5 V. Rail-to-rail operation
at the amplifier output is achievable using an AD820 or OP295
as the output amplifier.
The output voltage for any input code can be calculated as
follows:
VO = [(1+R4/R3)
× (R2/(R1+R2) × (2 × V
REF
× D/256)] – R4 × V
REF/R3
where
D is the decimal equivalent of the code loaded to the DAC
and
VREF is the reference voltage input.
With VREF = 2.5 V, R1 = R3 = 10 k
Ω and R2 = R4 = 20 kΩ and
VDD = 5 V.
VOUT = (10
× D/256) – 5 V
AD7302
VOUTA
10µF
0.1µF
VDD = 5V
VDD
AGND
AD780/REF192
WITH VDD = 5V
OR
AD589 WITH VDD = 3V
REF IN
GND
VOUT
VIN
0.1µF
EXT REF
R1
10k
R2
20k
R4
20k
R3
10k
+5V
–5V
±5V
DGND
AD820/
OP295
Figure 32. Bipolar Operation Using the AD7302
Decoding Multiple AD7302 in a System
The
CS pin on the AD7302 can be used in applications to
decode a number of DACs. In this application all DACs in the
system receive the same input data, but only the
CS to one of
the DACs will be active at any one time allowing access to two
channels in the system. The 74HC139 is used as a two-to-four
line decoder to address any of the DACs in the system. To
prevent timing errors from occurring, the enable input should
be brought to its inactive state while the coded address inputs are
changing state. Figure 33 shows a diagram of a typical setup for
decoding multiple AD7302 devices in a system. The built-in
power-on reset circuit on the AD7302 ensures that the outputs
of all DACs in the system power up with zero volts on their
outputs.
AD7302
D0
D8
VOUTA
VOUTB
ENABLE
74HC139
DATA BUS
DGND
CODED
ADDRESS
1A
1B
1Y0
1Y1
1Y2
1Y3
VCC
VDD
1
AD7302
D0
D8
VOUTA
VOUTB
AD7302
D0
D8
VOUTA
VOUTB
AD7302
D0
D8
VOUTA
VOUTB
Figure 33. Decoding Multiple AD7302 DACs in a System
AD7302 As a Digitally Programmable Window Detector
A digitally programmable upper/lower limit detector using the
two DACs in the AD7302 is shown in Figure 34. The upper
and lower limits for the test are loaded to DACs A and B, which
in turn set the limits on the CMP04. If a signal at the VIN input
is not within the programmed window an LED will indicate the
fail condition.
AD7302
VDD
+5V
VOUTA
DGND
REFIN
VIN
PASS/FAIL
1/2 CMP04
1/6 74HC05
FAIL
PASS
1k
0.1µF
10µF
WR
CS
A/B
1k
VOUTB
LDAC
CLR
DVDD
PD
AGND
D0
D7
Figure 34. Programmable Window Detector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com