Electronic Components Datasheet Search
  English  ▼

X  

AD7303 Datasheet(PDF) 10 Page - Analog Devices

Part # AD7303
Description  2.7 V to 5.5 V, Serial Input, Dual Voltage Output 8-Bit DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7303 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7303 Datasheet HTML 6Page - Analog Devices AD7303 Datasheet HTML 7Page - Analog Devices AD7303 Datasheet HTML 8Page - Analog Devices AD7303 Datasheet HTML 9Page - Analog Devices AD7303 Datasheet HTML 10Page - Analog Devices AD7303 Datasheet HTML 11Page - Analog Devices AD7303 Datasheet HTML 12Page - Analog Devices AD7303 Datasheet HTML 13Page - Analog Devices AD7303 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AD7303
–10–
REV. 0
Bit Location
Mnemonic
Description
DB15
INT
/EXT
Selects between internal and external reference.
DB14
X
Uncommitted bit.
DB13
LDAC
Load DAC bit for synchronous update of DAC outputs.
DB12
PDB
Power-down DAC B.
DB11
PDA
Power-down DAC A.
DB10
A
/B
Address bit to select either DAC A or DAC B.
DB9
CR1
Control Bit 1 used in conjunction with CR0 to implement the various data loading functions.
DB8
CR0
Control Bit 0 used in conjunction with CR1 to implement the various data loading functions.
DB7–DB0
Data
These bits contain the data used to update the output of the DACs. DB7 is the MSB and
DB0 the LSB of the 8-bit data word.
CONTROL BITS
LDAC
A
/B
CR1
CR0
Function Implemented
0
X
0
0
Both DAC registers loaded from shift register.
0
0
0
1
Update DAC A input register from shift register.
0
1
0
1
Update DAC B input register from shift register.
0
0
1
0
Update DAC A DAC register from input register.
0
1
1
0
Update DAC B DAC register from input register.
0
0
1
1
Update DAC A DAC register from shift register.
0
1
1
1
Update DAC B DAC register from shift register.
1
0
X
X
Load DAC A input register from shift register and update
both DAC A and DAC B DAC registers.
1
1
X
X
Load DAC B input register from shift register and update
both DAC A and DAC B DAC registers outputs.
INT
/EXT
Function
0
Internal VDD/2 reference selected.
1
External reference selected; this external reference is applied at the REF pin and ranges from
1 V to VDD/2.
PDA
PDB
Function
0
0
Both DACs active.
0
1
DAC A active and DAC B in power-down mode.
1
0
DAC A in power-down mode and DAC B active.
1
1
Both DACs powered down.
DB15 (MSB)
DB0 (LSB)
INT
/EXT
X
LDAC
PDB
PBA
A
/B
CR1
CR0
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
|––––––––––––––––––––––––– Control Bits –––––––––––––––––––––––––|––––––––––––––––––––––––– Data Bits –––––––––––––––––––––––––|
Figure 24. Input Shift Register Contents



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com