Electronic Components Datasheet Search
  English  ▼

X  

ECMC2250 Datasheet(PDF) 1 Page - saftbatteries

Part # ECMC2250
Description  Lightweight field charger Dependable performance
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAFT [saftbatteries]
Direct Link  https://www.saftbatteries.com/
Logo SAFT - saftbatteries

ECMC2250 Datasheet(HTML) 1 Page - saftbatteries

  ECMC2250 Datasheet HTML 1Page - saftbatteries ECMC2250 Datasheet HTML 2Page - saftbatteries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
The EcMC2 250 is a state of the art
two-channel, four-position charger.
Easy to transport and friendly to
operate, it automatically recognizes
the type of military battery. Recharges
batteries simultaneously, regardless of
SOC or chemistry.
Benefits
l
Charges different battery types
l
Charges different battery
chemistries
l
Fast battery charge
l
Soldier portable
l
Worldwide usage
l
Quiet operation
l
Intuitive plug-and-charge operation
l
LED indication of charge status
Key features
l
Automatic battery recognition
l
Charges both channels
simultaneously, regardless of
battery type or chemistry
l
Automatic power sharing
l
Conditioning charge for battery
storage
l
On-board HMI
l
Rugged construction for a long life
of field operations
l
Lightweight and compact
l
Wide AC input, for worldwide
functionality
l
Wide DC input, for charging from
vehicles, fuel cells, etc...
l
Input cables (AC, DC) included
l
Electronic and mechanical
batteries interface included
Typical applications
l
Capability to charge more than
50 military Li-ion, Ni-MH and Ni-Cd
battery types
l
Ideal for missions involving various
battery types:
- Peace keeping
- Law enforcement
- Exercise and training
- Combat
May 2010
Extended capability multi chemistry charger
EcMC2 250
Lightweight field charger
Dependable performance
Electrical characteristics
AC input voltage
85 – 265 V (50-60 Hz,+/- 5%)
DC input voltage
11 – 14 V and 19 – 32 V
Output power
250 W
Charger voltage
4 – 34 V
Maximum output current
10 A (per channel)
Physical characteristics
Length
410 mm
Width
240 mm
Height
205 mm
Weight
< 9 kg (AC, DC cables included)
Volume
20.2 litres
Environmental Protection
IP44 (open) IP67 (closed)
Operating Temperature Range
- 20°C to + 60°C
Storage Temperature Range
- 40°C to +75°C
References
Temperature
MIL-STD 810E 503.3
Altitude
MIL-STD 810E 500.3 II-3
Vibration
MIL-STD 810E 514.4 Cat 8
Shock
MIL-STD 810E 516.4 I
Drop
MIL-STD 810E 516.4 IV
Salt Fog
MIL-STD 810E 509.3 I
Immersion
MIL-STD 810E 512.3 II-3
NSN
6130 14 564 1779
Part number
09101F


Similar Part No. - ECMC2250

ManufacturerPart #DatasheetDescription
logo
saftbatteries
ECMC2350 SAFT-ECMC2350 Datasheet
578Kb / 2P
Military workshop charger Dependable performance
More results

Similar Description - ECMC2250

ManufacturerPart #DatasheetDescription
logo
NEC
EA2-3SNU NEC-EA2-3SNU Datasheet
113Kb / 8P
COMPACT AND LIGHTWEIGHT
logo
Allegro MicroSystems
A8426 ALLEGRO-A8426 Datasheet
443Kb / 16P
High Performance Photoflash Capacitor Charger
logo
3M Electronics
8505 3M-8505 Datasheet
103Kb / 2P
Lightweight Portable Field Service Kit
logo
saftbatteries
ECMC2350 SAFT-ECMC2350 Datasheet
578Kb / 2P
Military workshop charger Dependable performance
logo
NEC
EA2-24NU NEC-EA2-24NU Datasheet
106Kb / 12P
COMPACT AND LIGHTWEIGHT
logo
Murata Manufacturing Co...
CSBLA480KEC8-B0 MURATA-CSBLA480KEC8-B0 Datasheet
182Kb / 3P
miniature and lightweight
CSBLA500KEC8-B0 MURATA-CSBLA500KEC8-B0 Datasheet
182Kb / 3P
miniature and lightweight
CSBLA640KECB-B0 MURATA-CSBLA640KECB-B0 Datasheet
179Kb / 3P
miniature and lightweight
CSBLA910KJ58-B0 MURATA-CSBLA910KJ58-B0 Datasheet
181Kb / 3P
miniature and lightweight
logo
C&K Components
MICRO-D CK-COMPONENTS-MICRO-D Datasheet
990Kb / 6P
Lightweight backshells
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com