Electronic Components Datasheet Search
  English  ▼

X  

SMP1302-005 Datasheet(PDF) 2 Page - Alpha Industries

Part # SMP1302-005
Description  Switch and Attenuator Plastic Packaged PIN Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries

SMP1302-005 Datasheet(HTML) 2 Page - Alpha Industries

  SMP1302-005 Datasheet HTML 1Page - Alpha Industries SMP1302-005 Datasheet HTML 2Page - Alpha Industries SMP1302-005 Datasheet HTML 3Page - Alpha Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Alpha Industries, Inc. [781] 935-5150
• Fax [617] 824-4579 • Email sales@alphaind.com • www.alphaind.com
Specifications subject to change without notice. 1/01A
Switch and Attenuator Plastic Packaged PIN Diodes
SMP1302 Series
Series Resistance vs. Current @ 100 MHz
0.01
0.1
1
10
100
Forward Current (mA)
0.1
1
10
100
1000
0
1
2
5
10
20
100
50
Capacitance vs. Reverse Voltage
0
0.2
0.4
0.6
0.1
0.3
0.5
0.7
0.8
Reverse Voltage (V)
100 MHz
1 MHz
1 GHz
400
500
600
700
800
900
1000
DC Characteristic
0.01
0.1
1
10
100
Forward Voltage (mV)
0
500
1000
1500
2000
Conductance vs. Frequency
and Reverse Voltage
Frequency (MHz)
0
50
100
150
200
250
300
0 V
10 V
40 V
Typical Performance Data
Parameter
Condition
Typ.
Max.
Unit
Reverse Current (IR)VR = 200 V
10
µA
Capacitance (CT)
F = 1 MHz, V = 30 V
0.30
pF
Resistance (RS)
F = 100 MHz, I = 1 mA
15
20
Ω
Resistance (RS)
F = 100 MHz, I = 10 mA
3.0
Ω
Resistance (RS)
F = 100 MHz, I = 100 mA
1.5
Ω
Forward Voltage (VF)
IF = 10 mA
0.8
V
Carrier Lifetime (TI )
IF = 10 mA
0.7
µS
I Region Width
50
µm
Electrical Specifications at 25°C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com