Electronic Components Datasheet Search
  English  ▼

X  

AD7712 Datasheet(PDF) 17 Page - Analog Devices

Part # AD7712
Description  LC2MOS Signal Conditioning ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7712 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD7712 Datasheet HTML 13Page - Analog Devices AD7712 Datasheet HTML 14Page - Analog Devices AD7712 Datasheet HTML 15Page - Analog Devices AD7712 Datasheet HTML 16Page - Analog Devices AD7712 Datasheet HTML 17Page - Analog Devices AD7712 Datasheet HTML 18Page - Analog Devices AD7712 Datasheet HTML 19Page - Analog Devices AD7712 Datasheet HTML 20Page - Analog Devices AD7712 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
REV. F
AD7712
–17–
VBIAS Input
The VBIAS input determines at what voltage the internal analog
circuitry is biased. It essentially provides the return path for
analog currents flowing in the modulator, and as such it should
be driven from a low impedance point to minimize errors.
For maximum internal headroom, the VBIAS voltage should be
set halfway between AVDD and VSS. The difference between
AVDD and (VBIAS + 0.85
VREF) determines the amount of
headroom the circuit has at the upper end, while the difference
between VSS and (VBIAS – 0.85
VREF) determines the amount
of headroom the circuit has at the lower end. Care should be
taken in choosing a VBIAS voltage to ensure that it stays within
prescribed limits. For single +5 V operation, the selected VBIAS
voltage must ensure that VBIAS
± 0.85
VREF does not exceed
AVDD or VSS or that the VBIAS voltage itself is greater than
VSS + 2.1 V and less than AVDD – 2.1 V. For single +10 V
operation or dual
±5 V operation, the selected VBIAS voltage
must ensure that VBIAS
± 0.85
VREF does not exceed AVDD
or VSS or that the VBIAS voltage itself is greater than VSS + 3 V
or less than AVDD – 3 V. For example, with AVDD = +4.75 V,
VSS = 0 V and VREF = +2.5 V, the allowable range for the VBIAS
voltage is +2.125 V to +2.625 V. With AVDD = +9.5 V, VSS = 0 V
and VREF = +5 V, the range for VBIAS is +4.25 V to +5.25 V.
With AVDD = +4.75 V, VSS = –4.75 V, and VREF = +2.5 V, the
VBIAS range is –2.625 V to +2.625 V.
The VBIAS voltage does have an effect on the AVDD power supply
rejection performance of the AD7712. If the VBIAS voltage tracks
the AVDD supply, it improves the power supply rejection from
the AVDD supply line from 80 dB to 95 dB. Using an external
Zener diode connected between the AVDD line and VBIAS as the
source for the VBIAS voltage gives the improvement in AVDD
power supply rejection performance.
USING THE AD7712
SYSTEM DESIGN CONSIDERATIONS
The AD7712 operates differently from successive approximation
ADCs or integrating ADCs. Since it samples the signal continu-
ously, like a tracking ADC, there is no need for a start convert
command. The output register is updated at a rate determined
by the first notch of the filter, and the output can be read at any
time, either synchronously or asynchronously.
Clocking
The AD7712 requires a master clock input, which may be an
external TTL/CMOS compatible clock signal applied to the
MCLK IN pin with the MCLK OUT pin left unconnected.
Alternatively, a crystal of the correct frequency can be connected
between MCLK IN and MCLK OUT, in which case the clock
circuit will function as a crystal controlled oscillator. For lower
clock frequencies, a ceramic resonator may be used instead of
the crystal. For these lower frequency oscillators, external
capacitors may be required on either the ceramic resonator or
on the crystal.
The input sampling frequency, the modulator sampling frequency,
the –3 dB frequency, the output update rate, and the calibration
time are all directly related to the master clock frequency, fCLK
IN. Reducing the master clock frequency by a factor of 2 will
halve the above frequencies and update rate and will double
the calibration time.
The current drawn from the DVDD power supply is also directly
related to fCLK IN. Reducing fCLK IN by a factor of 2 will halve the
DVDD current but will not affect the current drawn from the
AVDD power supply.
System Synchronization
If multiple AD7712s are operated from a common master clock,
they can be synchronized to update their output registers simul-
taneously. A falling edge on the
SYNC input resets the filter
and places the AD7712 into a consistent, known state. A com-
mon signal to the AD7712’s
SYNC inputs will synchronize their
operation. This would normally be done after each AD7712 has
performed its own calibration or has had calibration coefficients
loaded to it.
The
SYNC input can also be used to reset the digital filter in
systems where the turn-on time of the digital power supply
(DVDD) is very long. In such cases, the AD7712 will start oper-
ating internally before the DVDD line has reached its minimum
operating level, 4.75 V. With a low DVDD voltage, the AD7712’s
internal digital filter logic does not operate correctly. Thus, the
AD7712 may have clocked itself into an incorrect operating
condition by the time that DVDD has reached its correct level.
The digital filter will be reset upon issue of a calibration
command (whether it is self-calibration, system calibration, or
background calibration) to the AD7712. This ensures correct
operation of the AD7712. In systems where the power-on
default conditions of the AD7712 are acceptable, and no calibra-
tion is performed after power-on, issuing a
SYNC pulse to the
AD7712 will reset the AD7712’s digital filter logic. An R, C on
the
SYNC line, with R, C time constant longer than the DV
DD
power-on time, will perform the
SYNC function.
Accuracy
Sigma-delta ADCs, like VFCs and other integrating ADCs, do
not contain any source of nonmonotonicity and inherently offer
no missing codes performance. The AD7712 achieves excellent
linearity by the use of high quality, on-chip silicon dioxide
capacitors, which have a very low capacitance/voltage coefficient.
The device also achieves low input drift through the use of chop-
per stabilized techniques in its input stage. To ensure excellent
performance over time and temperature, the AD7712 uses digital
calibration techniques that minimize offset and gain error.
Autocalibration
Autocalibration on the AD7712 removes offset and gain errors
from the device. A calibration routine should be initiated on the
device whenever there is a change in the ambient operating
temperature or supply voltage. It should also be initiated if there
is a change in the selected gain, filter notch, or bipolar/unipolar
input range. However, if the AD7712 is in its background cali-
bration mode, the above changes are all automatically taken
care of (after the settling time of the filter has been allowed for).
The AD7712 offers self-calibration, system calibration, and
background calibration facilities. For calibration to occur on the
selected channel, the on-chip microcontroller must record the
modulator output for two different input conditions. These are
zero-scale and full-scale points. With these readings, the micro-
controller can calculate the gain slope for the input to output
transfer function of the converter. Internally, the part works
with a resolution of 33 bits to determine its conversion result of
either 16 bits or 24 bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com