Electronic Components Datasheet Search
  English  ▼

X  

AD7664 Datasheet(PDF) 18 Page - Analog Devices

Part # AD7664
Description  16-Bit, 1.5 LSB INL, 2 MSPS PulSAR ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7664 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD7664 Datasheet HTML 14Page - Analog Devices AD7664 Datasheet HTML 15Page - Analog Devices AD7664 Datasheet HTML 16Page - Analog Devices AD7664 Datasheet HTML 17Page - Analog Devices AD7664 Datasheet HTML 18Page - Analog Devices AD7664 Datasheet HTML 19Page - Analog Devices AD7664 Datasheet HTML 20Page - Analog Devices AD7664 Datasheet HTML 21Page - Analog Devices AD7664 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
AD7622
Rev. 0 | Page 18 of 28
DRIVER AMPLIFIER CHOICE
Although the AD7622 is easy to drive, the driver amplifier
needs to meet the following requirements:
•
For multichannel, multiplexed applications, the driver
amplifier and the AD7622 analog input circuit must be
able to settle for a full-scale step of the capacitor array at an
16-bit level (0.0015%). In the amplifier’s data sheet, settling
at 0.1% to 0.01% is more commonly specified. This could
differ significantly from the settling time at a 16-bit level
and should be verified prior to driver selection. The
AD8021 op amp, which combines ultralow noise and high
gain bandwidth, meets this settling time requirement even
when used with gains up to 13.
•
The noise generated by the driver amplifier needs to be
kept as low as possible to preserve the SNR and transition
noise performance of the AD7622. The noise coming from
the driver is filtered by the AD7622 analog input circuit
1-pole, low-pass filter made by RIN and CIN or by the
external filter, if one is used. The SNR degradation due
to the amplifier is
()
() ⎟⎟
⎟
⎟
⎟
⎠
⎞
⎜⎜
⎜
⎜
⎜
⎝
⎛
+
+
=
−
−
+
−
2
2
2
2
π
2
π
45
45
20log
N
3dB
N
3dB
LOSS
Ne
f
Ne
f
SNR
where:
f–3dB is the input bandwidth of the AD7622 (50 MHz) or
the cutoff frequency of the input RC filter shown in Figure 24
(3.9 MHz), if one is used.
N is the noise factor of the amplifier (1 in buffer
configuration).
eN+ and eN− are the equivalent input voltage noise densities
of the op amps connected to IN+ and IN−, in nV/√Hz.
This approximation can be used when the resistances used
around the amplifier are small. If larger resistances are
used, their noise contributions should also be root-sum
squared.
For instance, when using op amps with an equivalent input
noise density of 2.1 nV/√Hz, such as the AD8021, with a
noise gain of 1 when configured as a buffer, degrades the
SNR by only 0.1 dB when using the RC filter in Figure 24,
and by 1.3 dB without it.
•
The driver needs to have a THD performance suitable to
that of the AD7622. Figure 14 gives the THD vs. frequency
that the driver should exceed.
The AD8021 meets these requirements and is appropriate for
almost all applications. The AD8021 needs a 10 pF external
compensation capacitor that should have good linearity as an
NPO ceramic or mica type. Moreover, the use of a noninverting
1 gain arrangement is recommended and helps to obtain the
best signal-to-noise ratio.
The AD8022 can also be used when a dual version is needed
and a gain of 1 is present. The AD829 is an alternative in
applications where high frequency (above 100 kHz) performance is
not required. In applications with a gain of 1, an 82 pF
compensation capacitor is required. The AD8610 is an option
when low bias current is needed in low frequency applications.
Refer to Table 8 for some recommended op amps.
Table 8. Recommended Driver Amplifiers
Amplifier
Typical Application
ADA4841-x
Very low noise, low distortion, low power,
low frequency
AD829
Very low noise, low frequency
AD8021
Very low noise, high frequency
AD8022
Very low noise, high frequency, dual
AD8610/AD8620
Low bias current, low frequency, single/dual
Single-to-Differential Driver
For applications using unipolar analog signals, a single-ended-
to-differential driver, as shown in Figure 28, allows for a
differential input into the part. This configuration, when
provided an input signal of 0 to VREF, produces a differential
±VREF with midscale at VREF/2. The 1-pole filter using R = 15 Ω
and C = 2.7nF provides a corner frequency of 3.9 MHz.
If the application can tolerate more noise, the AD8139
differential driver can be used.
AD8021
ANALOG INPUT
(UNIPOLAR 0V TO 2.048V)
AD8021
IN+
IN–
AD7622
REF
10µF
15Ω
15Ω
100nF
2.7nF
2.7nF
U2
U1
10pF
10pF
5kΩ
5kΩ
590Ω
590Ω
Figure 28. Single-Ended-to-Differential Driver Circuit
(Internal Reference Buffer Used)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com