Electronic Components Datasheet Search
  English  ▼

X  

AD7740 Datasheet(PDF) 7 Page - Analog Devices

Part # AD7740
Description  3 V/5 V Low Power, Synchronous Voltage-to-Frequency Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7740 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD7740 Datasheet HTML 3Page - Analog Devices AD7740 Datasheet HTML 4Page - Analog Devices AD7740 Datasheet HTML 5Page - Analog Devices AD7740 Datasheet HTML 6Page - Analog Devices AD7740 Datasheet HTML 7Page - Analog Devices AD7740 Datasheet HTML 8Page - Analog Devices AD7740 Datasheet HTML 9Page - Analog Devices AD7740 Datasheet HTML 10Page - Analog Devices AD7740 Datasheet HTML 11Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
AD7740
REV. A
–7–
GENERAL DESCRIPTION
The AD7740 is a CMOS synchronous Voltage-to-Frequency
Converter (VFC) which uses a charge-balance conversion
technique. The input voltage signal is applied to a proprietary
front-end based around an analog modulator which converts the
input voltage into an output pulse train.
The part also contains an on-chip 2.5 V bandgap reference and
operates from a single 3.3 V or 5 V supply. A block diagram of
the AD7740 is shown in Figure 3.
VIN
INTEGRATOR
FOUT
COMPARATOR
BUF
GND
SWITCHED
CAPS
SWITCHED
CAPS
AD7740
Figure 3. Block Diagram
Input Amplifier Buffering and Voltage Range
The analog input VIN can be buffered by setting BUF = 1. This
presents a high impedance, typically 100 M
Ω, which allows
significant external source impedances to be tolerated. The VIN
voltage range is now 0.1 V to VDD – 0.2 V. By setting BUF = 0
the AD7740 input circuit accepts an analog input below GND
and the analog input VIN has a voltage range from –0.15 V to
VDD + 0.15 V. In this case the input impedance is typically
650 k
Ω.
The transfer function for the AD7740 is represented by:
FOUT = 0.1 fCLKIN + 0.8 (VIN/VREF) fCLKIN
It is shown in Figure 4 for unbuffered mode.
VREF
OUTPUT
FREQUENCY
FOUT
VREF + 0.15V
0.10 fCLKIN
FOUT MIN
INPUT
VOLTAGE
VIN
FOUT MAX
0.90 fCLKIN
0
–0.15V
AD7740
Figure 4. Transfer Function
Sample Calculation:
VREF = 2.5 V, BUF = 0
FOUT (min) = 0.1 fCLKIN + 0.8(–0.15/2.5) fCLKIN
= 0.052 fCLKIN
FOUT (max) = 0.1 fCLKIN + 0.8(2.65/2.5) fCLKIN
= 0.948 fCLKIN
VFC Modulator
The analog input signal to the AD7740 is continuously sampled
by a switched capacitor modulator whose sampling rate is set
by a master clock. The input signal may be buffered on-chip
(BUF = 1) before being applied to the sampling capacitor of the
modulator. This isolates the sampling capacitor charging currents
from the analog input pin.
This system is a negative feedback loop that acts to keep the net
charge on the integrator capacitor at zero, by balancing charge
injected by the input voltage with charge injected by VREF. The
output of the comparator provides the digital input for the 1-bit
DAC, so that the system functions as a negative feedback loop
that acts to minimize the difference signal. See Figure 5.
INTEGRATOR
COMPARATOR
1-BIT
BITSTREAM
+VREF
INPUT
CLK
–VREF
AD7740
Figure 5. Modulator Loop
The digital data that represents the analog input voltage is con-
tained in the duty cycle of the pulse train appearing at the output
of the comparator. The output is a pulse train whose frequency
depends on the analog input signal. A full-scale input gives an
output frequency of 0.9 fCLKIN and zero-scale input gives an
output frequency of 0.1 fCLKIN. The output allows simple inter-
facing to either standard logic families or opto-couplers. The
pulsewidth of FOUT is fixed and is determined by the high period
of CLKIN. The pulse is synchronized to the rising edge of the
clock signal. The delay time between the edge of CLKIN and the
edge of FOUT is typically
35 ns. Figure 6 shows the waveform
of this frequency output. (See TPC 8.)
3
tCLKIN
FOUT = fCLKIN/2
VIN = VREF/2
fCLKIN
FOUT = fCLKIN/5
VIN = VREF/8
FOUT = fCLKIN
3/10
VIN = VREF/4
4tCLKIN
AVERAGE FOUT IS fCLKIN
3/10 BUT THE ACTUAL PULSE STREAM VARIES
BETWEEN fCLKIN/3 and fCLKIN/4
Figure 6. Frequency Output Waveforms
If there is a step change in input voltage, there is a settling time
that must elapse before valid data is obtained. This is typically
two CLKIN cycles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com