Electronic Components Datasheet Search
  English  ▼

X  

AD7859APZ Datasheet(PDF) 17 Page - Analog Devices

Part # AD7859APZ
Description  3 V to 5 V Single Supply, 200 kSPS8-Channel, 12-Bit Sampling ADCs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7859APZ Datasheet(HTML) 17 Page - Analog Devices

Back Button AD7859APZ Datasheet HTML 13Page - Analog Devices AD7859APZ Datasheet HTML 14Page - Analog Devices AD7859APZ Datasheet HTML 15Page - Analog Devices AD7859APZ Datasheet HTML 16Page - Analog Devices AD7859APZ Datasheet HTML 17Page - Analog Devices AD7859APZ Datasheet HTML 18Page - Analog Devices AD7859APZ Datasheet HTML 19Page - Analog Devices AD7859APZ Datasheet HTML 20Page - Analog Devices AD7859APZ Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
AD7859/AD7859L
REV. A
–17–
REFERENCE SECTION
For specified performance, it is recommended that when using
an external reference, this reference should be between 2.3 V
and the analog supply AVDD. The connections for the reference
pins are shown below. If the internal reference is being used,
the REFIN/REFOUT pin should be decoupled with a 100 nF
capacitor to AGND very close to the REFIN/REFOUT pin. These
connections are shown in Figure 16.
If the internal reference is required for use external to the ADC,
it should be buffered at the REFIN/REFOUT pin and a 100 nF
capacitor should be connected from this pin to AGND. The typical
noise performance for the internal reference, with 5 V supplies is
150 nV/
√Hz @ 1 kHz and dc noise is 100 µV p-p.
AD7859/AD7859L
CREF1
CREF2
REFIN/REFOUT
0.1µF
0.01µF
0.1µF
AVDD
DVDD
0.1µF
0.1µF
10µF
ANALOG SUPPLY
+3V TO +5V
Figure 16. Relevant Connections Using Internal Reference
The REFIN/REFOUT pin may be overdriven by connecting it to
an external reference. This is possible due to the series resis-
tance from the REFIN/REFOUT pin to the internal reference.
This external reference can be in the range 2.3 V to AVDD.
When using AVDD as the reference source, the 10 nF capacitor
from the REFIN/REFOUT pin to AGND should be as close as
possible to the REFIN/REFOUT pin, and also the CREF1 pin
should be connected to AVDD to keep this pin at the same volt-
age as the reference. The connections for this arrangement are
shown in Figure 17. When using AVDD it may be necessary to
add a resistor in series with the AVDD supply. This has the effect
of filtering the noise associated with the AVDD supply.
Note that when using an external reference, the voltage present
at the REFIN/REFOUT pin is determined by the external refer-
ence source resistance and the series resistance of 150 k
Ω from
the REFIN/REFOUT pin to the internal 2.5 V reference. Thus, a
low source impedance external reference is recommended.
AD7859/AD7859L
CREF1
CREF2
REFIN/REFOUT
0.1µF
0.01µF
0.01µF
AVDD
DVDD
0.1µF
0.1µF
10µF
ANALOG SUPPLY
+3V TO +5V
Figure 17. Relevant Connections, AVDD as the Reference
AD7859/AD7859L PERFORMANCE CURVES
Figure 18 shows a typical FFT plot for the AD7859 at 200 kHz
sample rate and 10 kHz input frequency.
FREQUENCY – kHz
0
–20
–100
0
100
20
40
60
80
–40
–60
–80
AVDD = DVDD = 3.3V
FSAMPLE = 200kHz
FIN = 10kHz
SNR = 72.04dB
THD = –88.43dB
–120
Figure 18. FFT Plot
Figure 19 shows the SNR versus Frequency for different sup-
plies and different external references.
INPUT FREQUENCY – kHz
74
73
69
0
100
20
40
60
80
72
71
70
AVDD = DVDD WITH 2.5V REFERENCE
UNLESS STATED OTHERWISE
5.0V SUPPLIES, WITH 5V REFERENCE
5.0V SUPPLIES
5.0V SUPPLIES,
L VERSION
3.3V SUPPLIES
Figure 19. SNR vs. Frequency
Figure 20 shows the Power Supply Rejection Ratio versus Fre-
quency for the part. The Power Supply Rejection Ratio is de-
fined as the ratio of the power in ADC output at frequency f to
the power of a full-scale sine wave.
PSRR (dB) = 10 log (Pf/Pfs)
Pf = Power at frequency f in ADC output, Pfs = power of a full-
scale sine wave. Here a 100 mV peak-to-peak sine wave is
coupled onto the AVDD supply while the digital supply is left
unaltered. Both the 3.3 V and 5.0 V supply performances are
shown.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com