Electronic Components Datasheet Search
  English  ▼

X  

AD7666 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7666
Description  16-Bit, 1.5 LSB INL, 2 MSPS PulSAR ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7666 Datasheet(HTML) 1 Page - Analog Devices

  AD7666 Datasheet HTML 1Page - Analog Devices AD7666 Datasheet HTML 2Page - Analog Devices AD7666 Datasheet HTML 3Page - Analog Devices AD7666 Datasheet HTML 4Page - Analog Devices AD7666 Datasheet HTML 5Page - Analog Devices AD7666 Datasheet HTML 6Page - Analog Devices AD7666 Datasheet HTML 7Page - Analog Devices AD7666 Datasheet HTML 8Page - Analog Devices AD7666 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
16-Bit, 1.5 LSB INL, 2 MSPS PulSAR® ADC
AD7622
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006 Analog Devices, Inc. All rights reserved.
FEATURES
Throughput
2 MSPS (wideband warp and warp mode)
1.5 MSPS (normal mode)
INL: ±0.5 LSB typical, ±1.5 LSB maximum (±23 ppm of FSR)
16-bit resolution with no missing codes
Dynamic range: 92.5 dB typical
SINAD: 91 dB minimum @ 20 kHz (VREF = 2.5 V)
THD: −115 dB typical @ 20 kHz (VREF = 2.5 V)
2.048 V internal reference: typical drift 8 ppm/°C; TEMP output
Differential input range: ±VREF (VREF up to 2.5 V)
No pipeline delay (SAR architecture)
Parallel (16-, or 8-bit bus) and serial 5 V/3.3 V/2.5 V interface
SPI®/QSPI™/MICROWIRE™/DSP compatible
Single 2.5 V supply operation
Power dissipation
70 mW typical @ 2 MSPS with internal REF
2 μW in power-down mode
Pb-free, 48-lead LQFP and 48-lead LFCSP_VQ
Pin compatible with other PulSAR 48-lead ADCs
APPLICATIONS
Medical instruments
High speed data acquisition/high dynamic data acquisition
Digital signal processing
Spectrum analysis
Instrumentation
Communications
ATE
GENERAL DESCRIPTION
The AD7622 is a 16-bit, 2 MSPS, charge redistribution SAR,
fully differential, analog-to-digital converter (ADC) that
operates from a single 2.5 V power supply. The part contains a
high speed, 16-bit sampling ADC, an internal conversion clock,
an internal reference (and buffer), error correction circuits, and
both serial and parallel system interface ports. It features two
very high sampling rate modes (wideband warp and warp) and
a fast mode (normal) for asynchronous rate applications. The
AD7622 is hardware factory calibrated and tested to ensure ac
parameters, such as signal-to-noise ratio (SNR), in addition to
the more traditional dc parameters of gain, offset, and linearity.
The AD7622 is available in Pb-free only packages with
operation specified from −40°C to +85°C.
FUNCTIONAL BLOCK DIAGRAM
16
CONTROL LOGIC AND
CALIBRATION CIRCUITRY
CLOCK
AD7622
DGND
DVDD
AVDD
AGND
REF REFGND
IN+
IN–
PD
RESET
CNVST
PDBUF
REFBUFIN
PDREF
REF
TEMP
D[15:0]
RD
CS
BYTESWAP
OGND
OVDD
BUSY
SER/PAR
REF AMP
NORMAL
SERIAL
PORT
PARALLEL
INTERFACE
SWITCHED
CAP DAC
WARP
OB/2C
Figure 1.
Table 1. PulSAR 48-Lead ADC Selection
Type/kSPS
100 to
250
500 to
570
650 to
1000
>1000
Pseudo
Differential
AD7651,
AD7660,
AD7661
AD7650,
AD7652,
AD7664,
AD7666
AD7653,
AD7667
True Bipolar
AD7610,
AD7663
AD7665
AD7612,
AD7671
True
Differential
AD7675
AD7676
AD7677
AD7621,
AD7622,
AD7623
18-Bit
Multichannel/
AD7631,
AD7678
AD7679
AD7634,
AD7674
AD7641,
AD7643
Simultaneous
AD7654
AD7655
1.50
–0.50
0
0.50
1.00
–1.50
–1.00
0
16384
32768
49152
65536
CODE
POSITIVE INL = +0.43 LSB
NEGATIVE INL = –0.49 LSB
Figure 2. Integral Nonlinearity vs. Code


Similar Part No. - AD7666

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7666 AD-AD7666 Datasheet
336Kb / 23P
16-Bit 1 MSPS SAR Unipolar ADC with Ref
AD7666 AD-AD7666 Datasheet
818Kb / 32P
16-Bit, 750 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
10/06-Revision 0
AD7666 AD-AD7666 Datasheet
820Kb / 32P
16-Bit, 250 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
10/06-Revision 0
AD7666 AD-AD7666 Datasheet
1Mb / 28P
18-Bit, 2.5 LSB INL, 800 kSPS SAR ADC
7/03-Revision 0
AD7666 AD-AD7666 Datasheet
868Kb / 32P
14-Bit, 1 MSPS, Differential, Programmable Input PulSAR ADC
REV. 0
More results

Similar Description - AD7666

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7687BRMZ AD-AD7687BRMZ Datasheet
469Kb / 28P
16-Bit, 1.5 LSB INL, 250 kSPS PulSAR??Differential ADC in MSOP/QFN
REV. B
AD7621 AD-AD7621 Datasheet
619Kb / 32P
16-Bit, 2 LSB INL, 3 MSPS PulSAR짰 ADC
REV. 0
AD7688BRMRL7 AD-AD7688BRMRL7 Datasheet
437Kb / 28P
16-Bit, 1.5 LSB INL, 500 kSPS PulSAR Differential ADC in MSOP/QFN
Rev. A
AD7621 AD-AD7621_15 Datasheet
619Kb / 32P
16-Bit, 2 LSB INL, 3 MSPS PulSAR
REV. 0
AD7622 AD-AD7622_15 Datasheet
810Kb / 28P
16-Bit, 1.5 LSB INL, 2 MSPS PulSAR
REV. 0
AD7687 AD-AD7687_15 Datasheet
568Kb / 28P
16-Bit, 1.5 LSB INL, 250 kSPS PulSAR
REV. C
AD7688 AD-AD7688_15 Datasheet
535Kb / 28P
16-Bit, 1.5 LSB INL, 500 kSPS PulSAR
REV. B
AD7622 AD-AD7622 Datasheet
589Kb / 29P
1.5 LSB INL, 2 MSPS PulSAR ADC
14-Apr-2017
AD7621 AD-AD7621_17 Datasheet
468Kb / 33P
16-Bit, 2 LSB INL, 3 MSPS PulSAR ADC
09-Jun-2017
AD7687 AD-AD7687 Datasheet
616Kb / 27P
16-Bit, 1.5 LSB INL, 250 kSPS PulSAR Differential ADC in MSOP
12/15-Rev. D to Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com