Electronic Components Datasheet Search
  English  ▼

X  

FLEX8000 Datasheet(PDF) 32 Page - Altera Corporation

Part # FLEX8000
Description  Programmable Logic Device Family
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

FLEX8000 Datasheet(HTML) 32 Page - Altera Corporation

Back Button FLEX8000 Datasheet HTML 28Page - Altera Corporation FLEX8000 Datasheet HTML 29Page - Altera Corporation FLEX8000 Datasheet HTML 30Page - Altera Corporation FLEX8000 Datasheet HTML 31Page - Altera Corporation FLEX8000 Datasheet HTML 32Page - Altera Corporation FLEX8000 Datasheet HTML 33Page - Altera Corporation FLEX8000 Datasheet HTML 34Page - Altera Corporation FLEX8000 Datasheet HTML 35Page - Altera Corporation FLEX8000 Datasheet HTML 36Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 62 page
background image
32
Altera Corporation
FLEX 8000 Programmable Logic Device Family Data Sheet
Figure 18. Output Drive Characteristics of EPF8282AV Devices
Timing Model
The continuous, high-performance FastTrack Interconnect routing
structure ensures predictable performance and accurate simulation and
timing analysis. This predictable performance contrasts with that of
FPGAs, which use a segmented connection scheme and hence have
unpredictable performance. Timing simulation and delay prediction are
available with the MAX+PLUS II Simulator and Timing Analyzer, or with
industry-standard EDA tools. The Simulator offers both pre-synthesis
functional simulation to evaluate logic design accuracy and post-
synthesis timing simulation with 0.1-ns resolution. The Timing Analyzer
provides point-to-point timing delay information, setup and hold time
prediction, and device-wide performance analysis.
Tables 17 through 20 describe the FLEX 8000 timing parameters and their
symbols.
12
3
4
25
50
75
100
V
CC = 3.3 V
IOL
IOH
Room Temperature
Output Voltage (V)
Typical IO
Output
Current (mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com