Electronic Components Datasheet Search
  English  ▼

X  

MP29296 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP29296
Description  2A, 23V Synchronous Rectified Step-Down Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP29296 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP29296 Datasheet HTML 1Page - Monolithic Power Systems MP29296 Datasheet HTML 2Page - Monolithic Power Systems MP29296 Datasheet HTML 3Page - Monolithic Power Systems MP29296 Datasheet HTML 4Page - Monolithic Power Systems MP29296 Datasheet HTML 5Page - Monolithic Power Systems MP29296 Datasheet HTML 6Page - Monolithic Power Systems MP29296 Datasheet HTML 7Page - Monolithic Power Systems MP29296 Datasheet HTML 8Page - Monolithic Power Systems MP29296 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
MP29296
2A, 23V Synchronous Rectified
Step-Down Converter
MP29296 Rev. 1.7
www.MonolithicPower.com
1
2/5/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP29296 is a monolithic synchronous buck
regulator.
The
device
integrates
130mΩ
MOSFETS that provide 2A continuous load
current over a wide operating input voltage of
4.75V to 23V. Current mode control provides
fast transient response and cycle-by-cycle
current limit.
An adjustable soft-start prevents inrush current
at turn-on. Shutdown mode drops the supply
current to 1µA.
This device, available in an 8-pin SOIC
package, provides a very compact system
solution with minimal reliance on external
components.
EVALUATION BOARD REFERENCE
Board Number
Dimensions
EV29296DS-00A
2.0”X x 1.5”Y x 0.5”Z
FEATURES
• 2A Output Current
• Wide 4.75V to 23V Operating Input Range
• Integrated 130mΩ Power MOSFET Switches
• Output Adjustable from 0.923V to 20V
• Up to 93% Efficiency
• Programmable Soft-Start
• Stable with Low ESR Ceramic Output Capacitors
• Fixed 340KHz Frequency
• Cycle-by-Cycle Over Current Protection
• Input Under Voltage Lockout
APPLICATIONS
• Distributed Power Systems
• Networking Systems
• FPGA, DSP, ASIC Power Supplies
• Green Electronics/ Appliances
• Notebook Computers
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
INPUT
4.75V to 23V
OUTPUT
3.3V
2A
C3
3.3nF
C5
10nF
MP29296
BS
IN
FB
SW
SS
GND
COMP
EN
1
2
3
5
6
4
8
7
100
95
90
85
80
75
70
65
60
55
50
0
1.0
2.0
2.5
1.5
0.5
LOAD CURRENT (A)
Efficiency vs
Load Current
VOUT = 3.3V
VOUT = 2.5V


Similar Part No. - MP29296

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2905 MPS-MP2905 Datasheet
538Kb / 16P
3V-28V Input, Hysteretic Synchronous Step-Down Controller
MP2905EK MPS-MP2905EK Datasheet
538Kb / 16P
3V-28V Input, Hysteretic Synchronous Step-Down Controller
MP2905EK MPS-MP2905EK Datasheet
258Kb / 5P
12A,3~28V,300kHz,Hysteretic Synchronous Step-Down Controller Evaluation Board
MP2905EK MPS-MP2905EK Datasheet
240Kb / 5P
1.2V, 10A, 300kHz, Hysteretic Synchronous Step-Down Controller Evaluation Board
MP2908A MPS-MP2908A Datasheet
1Mb / 22P
4V-60V Input, Current Mode, Synchronous Step-Down Controller
More results

Similar Description - MP29296

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2305 MPS-MP2305 Datasheet
298Kb / 10P
2A, 23V Synchronous Rectified Step-Down Converter
MP2307 MPS-MP2307 Datasheet
346Kb / 11P
3A, 23V, 340KHz Synchronous Rectified Step-Down Converter
logo
Unisonic Technologies
P1482 UTC-P1482 Datasheet
268Kb / 5P
2A, 23V, 340KHZ SYNCHRONOUS RECTIFIED STEP-DOWN CONVERTER
P1484A UTC-P1484A Datasheet
246Kb / 6P
3A, 23V, 340KHZ SYNCHRONOUS RECTIFIED STEP-DOWN CONVERTER
logo
Analog Intergrations Co...
AIC2857F AIC-AIC2857F Datasheet
514Kb / 12P
2A 23V Synchronous Step-Down Converter
logo
E-CMOS Corporation
EC3283A E-CMOS-EC3283A Datasheet
817Kb / 13P
2A, 23V, Synchronous-Rectified Step-Down Converter
EC3284 E-CMOS-EC3284 Datasheet
912Kb / 11P
3A, 23V, Synchronous Rectified Step-Down Converter
logo
Monolithic Power System...
MP2305S MPS-MP2305S Datasheet
303Kb / 12P
2A, 23V Synchronous Rectified Step-Down Converter
logo
TECHCODE SEMICONDUCTOR,...
TD1484B TECHCODE-TD1484B Datasheet
1Mb / 14P
3A 23V Synchronous Rectified Step-Down Converter
logo
First Silicon Co., Ltd
FAC1482F FS-FAC1482F Datasheet
1Mb / 13P
2A , 23V Synchronus Rectified Step Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com