Electronic Components Datasheet Search
  English  ▼

X  

MP29296DS Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP29296DS
Description  2A, 23V Synchronous Rectified Step-Down Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP29296DS Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP29296DS Datasheet HTML 1Page - Monolithic Power Systems MP29296DS Datasheet HTML 2Page - Monolithic Power Systems MP29296DS Datasheet HTML 3Page - Monolithic Power Systems MP29296DS Datasheet HTML 4Page - Monolithic Power Systems MP29296DS Datasheet HTML 5Page - Monolithic Power Systems MP29296DS Datasheet HTML 6Page - Monolithic Power Systems MP29296DS Datasheet HTML 7Page - Monolithic Power Systems MP29296DS Datasheet HTML 8Page - Monolithic Power Systems MP29296DS Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
MP29296 – 2A, 23V SYNCHRONOUS RECTIFIED, STEP-DOWN CONVERTER
MP29296 Rev. 1.7
www.MonolithicPower.com
5
2/5/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
OPERATION
FUNCTIONAL DESCRIPTION
The MP29296 is a synchronous rectified,
current-mode, step-down regulator. It regulates
input voltages from 4.75V to 23V down to an
output voltage as low as 0.923V, and supplies
up to 2A of load current.
The MP29296 uses current-mode control to
regulate the output voltage. The output voltage
is measured at FB through a resistive voltage
divider and amplified through the internal
transconductance error amplifier. The voltage at
the COMP pin is compared to the switch current
measured internally to control the output
voltage.
The
converter
uses
internal
N-Channel
MOSFET switches to step-down the input
voltage to the regulated output voltage. Since
the high side MOSFET requires a gate voltage
greater than the input voltage, a boost capacitor
connected between SW and BS is needed to
drive the high side gate. The boost capacitor is
charged from the internal 5V rail when SW is low.
When the MP29296 FB pin exceeds 20% of the
nominal regulation voltage of 0.923V, the over
voltage comparator is tripped and the COMP
pin and the SS pin are discharged to GND,
forcing the high-side switch off.
INTERNAL
REGULATORS
IN
EN
+
ERROR
AMPLIFIER
1.2V
EN OK
OVP
RAMP
CLK
0.923V
0.3V
CURRENT
COMPARATOR
CURRENT
SENSE
AMPLIFIER
1.1V
SHUTDOWN
COMPARATOR
LOCKOUT
COMPARATOR
7
COMP 6
SS 8
FB 5
GND
4
OSCILLATOR
100/340KHz
S
R
Q
SW
3
BS
1
IN
5V
2
OVP
IN < 4.10V
5V
+
Q
+
+
1.5V
2.5V
+
+
+
+
EN
--
--
--
--
--
--
--
Figure 1—Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com