Electronic Components Datasheet Search
  English  ▼

X  

MP29368 Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP29368
Description  1.2A, 24V, 1.4MHz Step-Down Converter in a TSOT23-6
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP29368 Datasheet(HTML) 8 Page - Monolithic Power Systems

  MP29368 Datasheet HTML 1Page - Monolithic Power Systems MP29368 Datasheet HTML 2Page - Monolithic Power Systems MP29368 Datasheet HTML 3Page - Monolithic Power Systems MP29368 Datasheet HTML 4Page - Monolithic Power Systems MP29368 Datasheet HTML 5Page - Monolithic Power Systems MP29368 Datasheet HTML 6Page - Monolithic Power Systems MP29368 Datasheet HTML 7Page - Monolithic Power Systems MP29368 Datasheet HTML 8Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
MP29368 – 1.2A, 24V, 1.4MHz STEP-DOWN CONVERTER IN A TSOT23-6
NOTICE: The information in this document is subject to change without notice. Please contact MPS for current specifications.
Users should warrant and guarantee that third party Intellectual Property rights are not infringed upon when integrating MPS
products into any application. MPS will not assume any legal responsibility for any said applications.
MP29368 Rev. 1.2
www.MonolithicPower.com
8
12/13/2007
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2007 MPS. All Rights Reserved.
TM
PACKAGE INFORMATION
TSOT23-6
0.30
0.50
SEATING PLANE
0.95 BSC
0.84
0.90
1.00 MAX
0.00
0.10
TOP VIEW
FRONT VIEW
SIDE VIEW
RECOMMENDED LAND PATTERN
2.80
3.00
1.50
1.70
2.60
3.00
1
3
4
6
0.09
0.20
NOTE:
1) ALL DIMENSIONS ARE IN MILLIMETERS.
2) PACKAGE LENGTH DOES NOT INCLUDE MOLD FLASH,
PROTRUSION OR GATE BURR.
3) PACKAGE WIDTH DOES NOT INCLUDE INTERLEAD FLASH
OR PROTRUSION.
4) LEAD COPLANARITY (BOTTOM OF LEADS AFTER FORMING)
SHALL BE 0.10 MILLIMETERS MAX.
5) DRAWING CONFORMS TO JEDEC MO-193, VARIATION AB.
6) DRAWING IS NOT TO SCALE.
7) PIN 1 IS LOWER LEFT PIN WHEN READING TOP MARK FROM
LEFT TO RIGHT, (SEE EXAMPLE TOP MARK)
0.30
0.50
0o-8o
0.25 BSC
GAUGE PLANE
2.60
TYP
1.20
TYP
0.95
BSC
0.60
TYP
SEE DETAIL "A"
DETAIL “A”
AAAA
PIN 1
See Note 7
EXAMPLE
TOP MARK



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com