Electronic Components Datasheet Search
  English  ▼

X  

MP29373 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP29373
Description  Dual 1.5A, 23V, 1.4MHz Step-Down Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP29373 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP29373 Datasheet HTML 1Page - Monolithic Power Systems MP29373 Datasheet HTML 2Page - Monolithic Power Systems MP29373 Datasheet HTML 3Page - Monolithic Power Systems MP29373 Datasheet HTML 4Page - Monolithic Power Systems MP29373 Datasheet HTML 5Page - Monolithic Power Systems MP29373 Datasheet HTML 6Page - Monolithic Power Systems MP29373 Datasheet HTML 7Page - Monolithic Power Systems MP29373 Datasheet HTML 8Page - Monolithic Power Systems MP29373 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
MP29373 — DUAL 1.5A, 23V, 1.4MHz STEP-DOWN CONVERTER
MP29373 Rev. 1.1
www.MonolithicPower.com
4
12/13/2007
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2007 MPS. All Rights Reserved.
PIN FUNCTIONS (TSSOP20F)
Pin #
Name
Description
1
SSA
Soft-Start Control for Channel A. 9kΩ output resistance from the pin. Set RC time constant
with external capacitor for soft start ramp time. Ramp Time = 2.2 x 9kΩ x C.
2
NC
No Connect
3
BSA
High-Side Driver Boost Pin. Connect a 10nF capacitor from this pin to SWA.
4
INA
Supply Voltage Channel A. The MP29373 operates from a +4.75V to +23V unregulated input.
Input Ceramic Capacitors should be close to this pin.
5
SWA
Switch Channel A. This connects the inductor to either INA through M1A or to PGA through M2A.
6
PGA
Power Ground Channel A. This is the Power Ground Connection to the input capacitor
ground.
7
SGA
Signal Ground Channel A. This pin is the signal ground reference for the regulated output
voltage. For this reason care must be taken in its layout. This node should be placed outside
of the D1 to C1 ground path to prevent switching current spikes from inducing voltage noise
into the part.
8
FBB
Feedback Voltage for Channel B. This pin is the feedback voltage. The output voltage is ratio scaled
through a voltage divider, and the center point of the divider is connected to this pin. The voltage is
compared to the on board 0.92V reference.
9
COMPB
Compensation Channel B. This is the output of the transconductance error amplifier. A series
RC is placed on this pin for proper control loop compensation. Please refer to more in the
datasheet.
10
ENB
Enable/UVLO Channel B. A voltage greater than 2.62V enables operation. Leave ENB
unconnected for automatic startup. An Under Voltage Lockout (UVLO) function can be
implemented by the addition of a resistor divider from VIN to GND. For complete low current
shutdown the ENB pin voltage needs to be less than 700mV.
11
SSB
Soft-Start Control for Channel B. 9kΩ output resistance from the pin. Set RC time constant
with external capacitor for soft start ramp time. Ramp Time = 2.2x9kΩxC.
12
BSB
High-Side Driver Boost Pin. Connect a 10nF capacitor from this pin to SWB.
13
NC
No Connect.
14
INB
Supply Voltage Channel B. The MP29373 operates from a +4.75V to +23V unregulated input.
Input Ceramic Capacitors should be close to this pin.
15
SWB
Switch Channel B. This connects the inductor to either INB through M1B or to PGB through M2B.
16
PGB
Power Ground Channel B. This is the Power Ground Connection to the input capacitor
ground.
17
SGB
Signal Ground Channel B. This pin is the signal ground reference for the regulated output
voltage. For this reason care must be taken in its layout. This node should be placed outside
of the D1 to C1 ground path to prevent switching current spikes from inducing voltage noise
into the part.
18
FBA
Feedback Voltage for Channel A. This pin is the feedback voltage. The output voltage is ratio scaled
through a voltage divider, and the center point of the divider is connected to this pin. The voltage is
compared to the on board 0.92V reference.
19
COMPA
Compensation Channel A. This is the output of the transconductance error amplifier. A series
RC is placed on this pin for proper control loop compensation. Please refer to more in the
datasheet.
20
ENA
Enable/UVLO Channel A. A voltage greater than 2.62V enables operation. Leave ENA
unconnected for automatic startup. An Under Voltage Lockout (UVLO) function can be
implemented by the addition of a resistor divider from VIN to GND. For complete low current
shutdown the ENA pin voltage needs to be less than 700mV.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com