Electronic Components Datasheet Search
  English  ▼

X  

MP38671DL Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP38671DL
Description  10A, 25V, 600KHz Step-Down Converter with Synchronizable Gate Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP38671DL Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP38671DL Datasheet HTML 3Page - Monolithic Power Systems MP38671DL Datasheet HTML 4Page - Monolithic Power Systems MP38671DL Datasheet HTML 5Page - Monolithic Power Systems MP38671DL Datasheet HTML 6Page - Monolithic Power Systems MP38671DL Datasheet HTML 7Page - Monolithic Power Systems MP38671DL Datasheet HTML 8Page - Monolithic Power Systems MP38671DL Datasheet HTML 9Page - Monolithic Power Systems MP38671DL Datasheet HTML 10Page - Monolithic Power Systems MP38671DL Datasheet HTML 11Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
MP38671 – 10A, 25V, 600KHz STEP-DOWN WITH SYNCHRONOUS GATE DRIVER
MP38671 Rev. 1.1
www.MonolithicPower.com
8
9/21/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
Enable/Synch Control
The MP38671 has a dedicated Enable/Synch
control pin (EN/SYNC). By pulling it high or low,
the IC can be enabled and disabled by EN. Tie
EN to VIN for automatic start up. To disable the
part, EN must be pulled low for at least 5µs.
The MP38671 can be synchronized to external
clock range from 300KHz up to 1.4MHz through
the EN/SYNC pin. The internal clock rising
edge is synchronized to the external clock rising
edge.
Under-Voltage Lockout (UVLO)
Under-voltage lockout (UVLO) is implemented
to protect the chip from operating at insufficient
supply
voltage.
The
MP38671
UVLO
comparator monitors the output voltage of the
internal regulator, VCC. The UVLO rising
threshold is about 4.0V while its falling
threshold is a consistent 3.2V.
Internal Soft-Start
The soft-start is implemented to prevent the
converter output voltage from overshooting
during startup. When the chip starts, the
internal circuitry generates a soft-start voltage
(SS) ramping up from 0V to 1.2V. When it is
lower than the internal reference (REF), SS
overrides REF so the error amplifier uses SS as
the reference. When SS is higher than REF,
REF regains control.
Over-Current-Protection (OCP)
The MP38671 has cycle-by-cycle over current
limit when the inductor current peak value
exceeds the set current limit threshold.
Meanwhile, output voltage starts to drop until
FB is below the Under-Voltage (UV) threshold,
typically 30% below the reference. Once a
output UV is triggered, the MP38671 enters
latch off mode. Mode is especially useful to
ensure system safety under fault condition. The
MP38671 exits the latch off mode once the EN
or input power is re-cycled.
Thermal Shutdown
Thermal shutdown is implemented to prevent
the chip from operating at exceedingly high
temperatures. When the silicon die temperature
is higher than 150
°C, it shuts down the whole
chip. When the temperature is lower than its
lower threshold, typically 140
°C, the chip is
enabled again.
Floating Driver and Bootstrap Charging
The floating power MOSFET driver is powered
by an external bootstrap capacitor. This floating
driver has its own UVLO protection. This
UVLO’s rising threshold is 2.2V with a
hysteresis of 150mV. The bootstrap capacitor
voltage is regulated internally (Figure 2). Even
at no load condition, as long as VIN is 3V higher
than VOUT, C4 will have enough voltage
provided by VIN through M2, M1, C4, L1 and C2.
If (VIN-VSW) is more than 5V, U2 will regulate M1
to maintain a 5V BST voltage across C4.
--
+
--
+
VIN
5V
U2
D1
M1
BST
SW
C4
C2
L1
VOUT
Figure 2—Internal Bootstrap Charging
Circuit
Startup and Shutdown
If both VIN and EN are higher than their
appropriate thresholds, the chip starts. The
reference block starts first, generating stable
reference voltage and currents, and then the
internal regulator is enabled. The regulator
provides stable supply for the remaining
circuitries.
Four events can shut down the chip: OCP, EN
low, VIN low and thermal shutdown. In the
shutdown procedure, the signaling path is first
blocked to avoid any fault triggering. The
COMP voltage and the internal supply rail are
then pulled down. The floating driver is not
subject to this shutdown command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com