Electronic Components Datasheet Search
  English  ▼

X  

MP38870DL Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP38870DL
Description  3A, 14V, 600KHz Step-Down Converter with Synchronizable Gate Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP38870DL Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP38870DL Datasheet HTML 1Page - Monolithic Power Systems MP38870DL Datasheet HTML 2Page - Monolithic Power Systems MP38870DL Datasheet HTML 3Page - Monolithic Power Systems MP38870DL Datasheet HTML 4Page - Monolithic Power Systems MP38870DL Datasheet HTML 5Page - Monolithic Power Systems MP38870DL Datasheet HTML 6Page - Monolithic Power Systems MP38870DL Datasheet HTML 7Page - Monolithic Power Systems MP38870DL Datasheet HTML 8Page - Monolithic Power Systems MP38870DL Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MP38870 – 3A, 14V, 600KHz STEP-DOWN WITH SYNCHRONOUS GATE DRIVER
MP38870 Rev. 1.1
www.MonolithicPower.com
3
10/22/2009
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2009 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS(continued)
VIN = 12V, TA = +25°C, unless otherwise noted.
Parameters
Symbol Condition
Min
Typ
Max
Units
Power Good Threshold
0.69
0.74
0.79
V
Power Good Threshold Hysteresis
40
mV
PG Pin Level
VPG
PG Sink 4mA
0.4
V
Note:
4) Guaranteed by design.
PIN FUNCTIONS
Pin #
Name
Description
1
FB
Feedback. An external resistor divider from the output to GND, tapped to the FB pin sets
the output voltage. To prevent current limit run away during a short circuit fault condition
the frequency foldback comparator lowers the oscillator frequency when the FB voltage is
below 250mV.
2
PG
Power Good Indicator. The output of this pin is low if the output voltage is 10% less than
the nominal voltage, otherwise it is an open drain.
3
EN/SYNC On/Off Control and External Frequency Synchronization Input.
4, 5, 6
IN
Supply Voltage. The MP38870 operates from a +4.5V to +14V unregulated input. C1 is
needed to prevent large voltage spikes from appearing at the input.
7
N/C
No Connect.
8, 9, 10
SW
Switch Output.
11
BST
Bootstrap. This capacitor is needed to drive the power switch’s gate above the supply
voltage. It is connected between SW and BST pins to form a floating supply across the
power switch driver.
12
VCC
BG Driver Bias Supply. Decouple with a 1µF ceramic capacitor.
13
BG
Gate Driver Output. Connect this pin to the synchronous MOSFET Gate.
14
GND
Ground. This pin is the voltage reference for the regulated output voltage. For this reason
care must be taken in its layout. This node should be placed outside of the M2 to C1
ground path to prevent switching current spikes from inducing voltage noise into the part.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com