Electronic Components Datasheet Search
  English  ▼

X  

MP38872DL Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP38872DL
Description  6A, 21V, 600kHz Step-Down Converter with Synchronizable Gate Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP38872DL Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP38872DL Datasheet HTML 3Page - Monolithic Power Systems MP38872DL Datasheet HTML 4Page - Monolithic Power Systems MP38872DL Datasheet HTML 5Page - Monolithic Power Systems MP38872DL Datasheet HTML 6Page - Monolithic Power Systems MP38872DL Datasheet HTML 7Page - Monolithic Power Systems MP38872DL Datasheet HTML 8Page - Monolithic Power Systems MP38872DL Datasheet HTML 9Page - Monolithic Power Systems MP38872DL Datasheet HTML 10Page - Monolithic Power Systems MP38872DL Datasheet HTML 11Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
MP38872 – 6A, 21V, 600kHz STEP-DOWN WITH SYNCHRONIZABLE GATE DRIVER
MP38872 Rev.1.11
www.MonolithicPower.com
7
9/21/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
OPERATION
IN
EN/SYNC
FB
SW
VCC
BG
GND
PG
BST
REGULATOR
OSCILLATOR
600KHz
DRIVER
CURRENT SENSE
AMPLIFIER
ERROR
AMPLIFIER
COMP
CURRENT
LIMIT
COMPARATOR
PWM
COMPARATOR
DRIVER
D
REGULATOR
POWER
GOOD
REFERENCE
--
+
--
+
--
+
S
R
R
Q
Q
54pF
1pF
VCC
0.74V
VCC
Figure 1—Functional Block Diagram
The
MP38872
is
a
fixed
frequency,
synchronous, step-down switching regulator
with an integrated high-side power MOSFET
and a gate driver for a low-side external
MOSFET. It achieves 6A continuous output
current over a wide input supply range with
excellent load and line regulation. It provides a
single highly efficient solution with current mode
control for fast loop response and easy
compensation.
The MP38872 operates in a fixed frequency,
peak current control mode to regulate the
output voltage. A PWM cycle is initiated by the
internal clock. The integrated high-side power
MOSFET is turned on and remains on until its
current reaches the value set by the COMP
voltage. When the power switch is off, it
remains off until the next clock cycle starts. If, in
90% of one PWM period, the current in the
power MOSFET does not reach the COMP set
current value, the power MOSFET will be
forced to turn off.
Error Amplifier
The error amplifier compares the FB pin voltage
with the internal 0.8V reference (REF) and outputs a
current proportional to the difference between the
two. This output current is then used to charge or
discharge the internal compensation network to
form the COMP voltage, which is used to control the
power MOSFET current. The optimized internal
compensation network minimizes the external
component counts and simplifies the control loop
design.
Internal Regulator
Most of the internal circuitries are powered from the
5V internal regulator. This regulator takes the VIN
input and operates in the full VIN range. When VIN
is greater than 5.0V, the output of the regulator is in
full regulation. When VIN is lower than 5.0V, the
output decreases. Since this internal regulator
provides the bias current for the bottom gate driver
that requires significant amount of current
depending upon the external MOSFET selection, a
1uF ceramic capacitor for decoupling purpose is
required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com