Electronic Components Datasheet Search
  English  ▼

X  

MP38876 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP38876
Description  15A, 28V, High Frequency Step-Down Converter with Synchronous Gate Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP38876 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP38876 Datasheet HTML 1Page - Monolithic Power Systems MP38876 Datasheet HTML 2Page - Monolithic Power Systems MP38876 Datasheet HTML 3Page - Monolithic Power Systems MP38876 Datasheet HTML 4Page - Monolithic Power Systems MP38876 Datasheet HTML 5Page - Monolithic Power Systems MP38876 Datasheet HTML 6Page - Monolithic Power Systems MP38876 Datasheet HTML 7Page - Monolithic Power Systems MP38876 Datasheet HTML 8Page - Monolithic Power Systems MP38876 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
MP38876 – 15A, 28V, HIGH FREQUENCY STEP-DOWN WITH SYNCHRONOUS GATE DRIVER
MP38876 Rev. 0.91
www.MonolithicPower.com
3
11/4/2009
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2009 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 12V, TA = +25°C, unless otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max
Units
TA =+25°C
0.798
0.810
0.822
V
Feedback Voltage
VFB
-40
°C ≤ TA ≤ +85°C
0.794
0.826
V
Feedback Current
IFB
VFB = 0.8V
10
nA
Switch On Resistance
(5)
RDS(ON)
25
mΩ
Switch Leakage
VEN = 0V, VSW = 0V
0.1
10
μA
Current Limit
(5)
21
A
Oscillator Frequency
fSW
VFB = 0.6V, SYNCIN = 5V
400
kHz
Fold-back Frequency
VFB = 0V
100
kHz
Maximum Duty Cycle
VFB = 0.6V
90
%
Minimum On Time
(5)
tON
100
ns
Soft-Start Charging Current
ISS
VSS = 0V
8
μA
Maximum COMP Level
VCOMP_MAX VFB = 0.6V
4.4
V
Gain of Error Amplifier
GEA
VCOMP = 1.5V
2
mA/V
Error Amplifier Sink Current
VCOMP = 1.5V
–270
μA
Error Amplifier Source Current
VCOMP = 1.5V
+270
μA
Power Good Ramp Up Threshold
90
%
Power Good Ramp Down Threshold
85
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com