Electronic Components Datasheet Search
  English  ▼

X  

MP38876DL Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP38876DL
Description  15A, 28V, High Frequency Step-Down Converter with Synchronous Gate Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP38876DL Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP38876DL Datasheet HTML 2Page - Monolithic Power Systems MP38876DL Datasheet HTML 3Page - Monolithic Power Systems MP38876DL Datasheet HTML 4Page - Monolithic Power Systems MP38876DL Datasheet HTML 5Page - Monolithic Power Systems MP38876DL Datasheet HTML 6Page - Monolithic Power Systems MP38876DL Datasheet HTML 7Page - Monolithic Power Systems MP38876DL Datasheet HTML 8Page - Monolithic Power Systems MP38876DL Datasheet HTML 9Page - Monolithic Power Systems MP38876DL Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
MP38876 – 15A, 28V, HIGH FREQUENCY STEP-DOWN WITH SYNCHRONOUS GATE DRIVER
MP38876 Rev. 0.91
www.MonolithicPower.com
6
11/4/2009
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2009 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN=12V, VOUT=1.2V, L=0.72uH, TA = +25ºC, unless otherwise noted.
Efficiency vs.
Output Current
Load Regulation
50
55
60
65
70
75
80
85
90
95
0
2
4
6
8
10 12 14 16
OUTPUT CURRENT(A)
0.900
0.910
0.920
0.930
0.940
0.950
0.960
0.970
0.980
0.990
1.000
02468 10 12 14 16 18 20 22 24
LOAD CURRENT(A)
0.998
0.9985
0.999
0.9995
1
1.0005
1.001
5 6 7 8 9 10 11 12 13 14 15 16 17
INPUT VOLTAGE (V)
11
13
15
17
19
21
23
25
0
10203040506070
DUTY CYCLE (%)
Peak Current vs.
Duty Cycle
4.2
4.4
4.6
4.8
5
5.2
5.4
5.6
INPUT VOLTAGE(V)
4
7 10 13 16 19 22 25 28 31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com