Electronic Components Datasheet Search
  English  ▼

X  

MP38892 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP38892
Description  6A, 42V, 420KHz Step-Down Converter with Synchronizable Gate Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP38892 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP38892 Datasheet HTML 1Page - Monolithic Power Systems MP38892 Datasheet HTML 2Page - Monolithic Power Systems MP38892 Datasheet HTML 3Page - Monolithic Power Systems MP38892 Datasheet HTML 4Page - Monolithic Power Systems MP38892 Datasheet HTML 5Page - Monolithic Power Systems MP38892 Datasheet HTML 6Page - Monolithic Power Systems MP38892 Datasheet HTML 7Page - Monolithic Power Systems MP38892 Datasheet HTML 8Page - Monolithic Power Systems MP38892 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
MP38892
6A, 42V, 420KHz Step-Down Converter
with Synchronizable Gate Driver
MP38892 Rev.1.0
www.MonolithicPower.com
1
9/21/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP38892 is a monolithic step-down switch
mode converter with a built in, internal high-side
power MOSFET. It achieves 6A continuous
output current over a wide input supply range
with excellent load and line regulation.
Current mode operation provides fast transient
response and eases loop stabilization.
Fault condition protection includes cycle-by-cycle
current limiting and thermal shutdown.
The MP38892 requires a minimum number of
readily available standard external components
and is available in an 8-pin SOIC package with
exposed pad.
FEATURES
• Wide 4.5V to 42V Operating Input Range
• 6A Continuous Output Current
• ±1.5% Vfb accuracy
• 100mΩ Internal Power MOSFET Switch
• Synchronizable Gate Driver Delivers up to
95% Efficiency
• Fixed 420KHz Frequency
• Synchronizable up to 1.5MHz
• Over Current Latch Off Protection
• Thermal Shutdown
• Output Adjustable from 0.8V
• Stable with Low ESR Output Ceramic
Capacitors
• Available in a Thermally Enhanced 8-Pin
SOIC Package
APPLICATIONS
•
Digital Set Top Boxes
•
Personal Video Recorders
•
Broadband Communications
•
Flat Panel Television and Monitors
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
MP38892
SW
BG
FB
BST
1
4
6
5
2
GND
IN
VCC
EN/SYNC
8
3
7
VOUT
3.3V
VIN
OFF ON


Similar Part No. - MP38892

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP38891 MPS-MP38891 Datasheet
399Kb / 13P
6A, 30V, 420kHz Step-Down Converter with Synchronizable Gate Driver
MP38891DL MPS-MP38891DL Datasheet
399Kb / 13P
6A, 30V, 420kHz Step-Down Converter with Synchronizable Gate Driver
MP38894 MPS-MP38894 Datasheet
405Kb / 10P
4.5A, 42V, 420kHz Step-Down Converter with Synchronizable Gate Driver
MP38894DN MPS-MP38894DN Datasheet
405Kb / 10P
4.5A, 42V, 420kHz Step-Down Converter with Synchronizable Gate Driver
More results

Similar Description - MP38892

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP8352 MPS-MP8352 Datasheet
341Kb / 12P
3V-6V Input, 6A, 600kHz Step-Down Converter with Synchronizable Gate Driver
MP8666 MPS-MP8666 Datasheet
375Kb / 11P
6A, 21V, 600kHz Step-Down Converter with Synchronizable Gate Driver
MP8670 MPS-MP8670 Datasheet
494Kb / 15P
6A, 30V, 420KHz Step-Down Converter with Synchronizable Gate Driver
MP8675 MPS-MP8675 Datasheet
556Kb / 11P
6A, 42V, 420kHz Step-Down Converter with Synchronizable Gate Driver
MP8676 MPS-MP8676 Datasheet
387Kb / 10P
4.5A, 42V, 420kHz Step-Down Converter with Synchronizable Gate Driver
MP38671 MPS-MP38671 Datasheet
393Kb / 11P
10A, 25V, 600KHz Step-Down Converter with Synchronizable Gate Driver
MP38872 MPS-MP38872 Datasheet
360Kb / 11P
6A, 21V, 600kHz Step-Down Converter with Synchronizable Gate Driver
MP38874 MPS-MP38874 Datasheet
633Kb / 11P
8A, 21V, 600KHz Step-Down Converter with Synchronizable Gate Driver
MP38891 MPS-MP38891 Datasheet
399Kb / 13P
6A, 30V, 420kHz Step-Down Converter with Synchronizable Gate Driver
MP38894 MPS-MP38894 Datasheet
405Kb / 10P
4.5A, 42V, 420kHz Step-Down Converter with Synchronizable Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com