Electronic Components Datasheet Search
  English  ▼

X  

TBS1062 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # TBS1062
Description  Digital Storage Oscilloscopes
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TBS1062 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button TBS1062 Datasheet HTML 3Page - List of Unclassifed Manufacturers TBS1062 Datasheet HTML 4Page - List of Unclassifed Manufacturers TBS1062 Datasheet HTML 5Page - List of Unclassifed Manufacturers TBS1062 Datasheet HTML 6Page - List of Unclassifed Manufacturers TBS1062 Datasheet HTML 7Page - List of Unclassifed Manufacturers TBS1062 Datasheet HTML 8Page - List of Unclassifed Manufacturers TBS1062 Datasheet HTML 9Page - List of Unclassifed Manufacturers TBS1062 Datasheet HTML 10Page - List of Unclassifed Manufacturers TBS1062 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Waveform measurements
Cursors
Types
Amplitude, Time
Measurements
ΔT, 1/ΔT, ΔV
Automatic measurements
Period, Frequency, +Width, –Width, Rise Time, Fall Time, Max, Min, Peak-to-Peak, Mean, RMS, Cycle RMS, Cursor RMS, Duty
Cycle, Phase, and Delay
Waveform math
Arithmetic
Add, Subtract, Multiply
Math functions
FFT
FFT
Windows: Hanning, Flat Top, Rectangular 2048 sample points
Sources
Two channel models: CH1 – CH2, CH2 – CH1, CH1 + CH2, CH1 × CH2
Four channel models: CH1 – CH2, CH2 – CH1, CH1 + CH2, CH1 × CH2, CH3 – CH4, CH4 – CH3, CH3 + CH4, CH3 × CH4
Autoset
Autoset menu
Single-button, automatic setup of all channels for vertical, horizontal, and trigger systems, with undo Autoset
Square wave
Single Cycle, Multicycle, Rising or Falling Edge
Sine wave
Single Cycle, Multicycle, FFT Spectrum
Video (NTSC, PAL, SECAM)
Field: All, Odd, or Even Line: All or Selectable Line Number
Autorange
Automatically adjust vertical and/or horizontal oscilloscope settings when probe is moved from point to point, or when the signal
exhibits large changes.
Display system
Interpolation
Sin (x)/x
Waveform styles
Dots, vectors
Persistence
Off, 1 s, 2 s, 5 s, infinite
Format
YT and XY
TBS1000 Digital Storage Oscilloscopes
www.tektronix.com 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com