Electronic Components Datasheet Search
  English  ▼

X  

MP44010 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP44010
Description  Boundary Mode PFC Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP44010 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP44010 Datasheet HTML 1Page - Monolithic Power Systems MP44010 Datasheet HTML 2Page - Monolithic Power Systems MP44010 Datasheet HTML 3Page - Monolithic Power Systems MP44010 Datasheet HTML 4Page - Monolithic Power Systems MP44010 Datasheet HTML 5Page - Monolithic Power Systems MP44010 Datasheet HTML 6Page - Monolithic Power Systems MP44010 Datasheet HTML 7Page - Monolithic Power Systems MP44010 Datasheet HTML 8Page - Monolithic Power Systems MP44010 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
MP44010
Boundary Mode PFC Controller
MP44010 Rev. 1.11
www.MonolithicPower.com
1
10/17/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP44010 is a boundary conduction mode
PFC controller which can provide simple and
high performance active power factor correction
using minimum external components.
The output voltage is accurately regulated by a
high performance voltage mode amplifier with
an accurate internal voltage reference.
The precise adjustable output over-voltage
protection
greatly
enhances
the
system
reliability.
The on-chip R/C filter on the current sense pin
can eliminate the external R/C filter.
The extremely low start-up current, quiescent
current and the disable function can reduce the
power consumption and result in excellent
efficiency performance.
The MP44010 is available in SOIC8 and DIP
packages.
FEATURES
• Boundary Conduction Mode PFC Controller
for Pre-regulator
• Zero-crossing Compensation to Minimum
THD of AC Input Current
• Precise Adjustable Output Over-voltage
Protection
• Ultra-low (15μA) Start-up Current.
• Low (0.46mA) Quiescent Current
• On-chip Filter on Current Sense Pin
• Disable Function
• -600/+800mA Peak Gate Drive Current
• Available in SOIC8 and DIP-8 Packages
APPLICATIONS
• Offline Adaptor
• Electronic Ballast
• LLC Front End
• Other PFC Pre-regulators
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Quality Assurance.
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
Other Patents Pending.
TYPICAL APPLICATION


Similar Part No. - MP44010

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
MP4401 TOSHIBA-MP4401 Datasheet
339Kb / 7P
HIGH POWER, HIGH SPEED SWITCHING APPLICATIONS / HAMMER DRIVE, PULSE MOTOR DRIVE AND INDUCTIVE LOAD SWITCHING
logo
Monolithic Power System...
MP44011 MPS-MP44011 Datasheet
446Kb / 15P
Boundary-Mode PFC Controller with Harmonic Injection
MP44011HS MPS-MP44011HS Datasheet
446Kb / 15P
Boundary-Mode PFC Controller with Harmonic Injection
MP44014 MPS-MP44014 Datasheet
383Kb / 12P
Boundary Mode PFC Controller
MP44014-A MPS-MP44014-A Datasheet
420Kb / 13P
Boundary Mode PFC Controller
More results

Similar Description - MP44010

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN6961 FAIRCHILD-FAN6961 Datasheet
663Kb / 13P
Boundary Mode PFC Controller
AN-8035 FAIRCHILD-AN-8035 Datasheet
1Mb / 22P
Boundary Conduction Mode Power Factor Correction (PFC)
FL7930 FAIRCHILD-FL7930 Datasheet
1Mb / 20P
Single-Stage Flyback and Boundary-Mode PFC
FL6961 FAIRCHILD-FL6961 Datasheet
493Kb / 11P
Single-Stage Flyback and Boundary Mode PFC Controller for Lighting
logo
Monolithic Power System...
MP44011 MPS-MP44011 Datasheet
446Kb / 15P
Boundary-Mode PFC Controller with Harmonic Injection
logo
ON Semiconductor
FL6961 ONSEMI-FL6961 Datasheet
456Kb / 13P
Single-Stage Flyback and Boundary Mode PFC Controller for Lighting
January 2012 Rev. 1.0.2
logo
Monolithic Power System...
MP44014 MPS-MP44014 Datasheet
383Kb / 12P
Boundary Mode PFC Controller
MP44014-A MPS-MP44014-A Datasheet
420Kb / 13P
Boundary Mode PFC Controller
logo
ON Semiconductor
FL7930B ONSEMI-FL7930B Datasheet
1Mb / 25P
Single-Stage Flyback and Boundary-Mode PFC Controller for Lighting
Rev. 1.0.4
FL7930C ONSEMI-FL7930C Datasheet
2Mb / 22P
Single-Stage Flyback and Boundary-Mode PFC Controller for Lighting
August-2017 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com