Electronic Components Datasheet Search
  English  ▼

X  

TPP0101 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # TPP0101
Description  Digital Storage Oscilloscopes
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TPP0101 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  TPP0101 Datasheet HTML 1Page - List of Unclassifed Manufacturers TPP0101 Datasheet HTML 2Page - List of Unclassifed Manufacturers TPP0101 Datasheet HTML 3Page - List of Unclassifed Manufacturers TPP0101 Datasheet HTML 4Page - List of Unclassifed Manufacturers TPP0101 Datasheet HTML 5Page - List of Unclassifed Manufacturers TPP0101 Datasheet HTML 6Page - List of Unclassifed Manufacturers TPP0101 Datasheet HTML 7Page - List of Unclassifed Manufacturers TPP0101 Datasheet HTML 8Page - List of Unclassifed Manufacturers TPP0101 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Specifications
All specifications apply to all models unless noted otherwise.
Model overview
TBS1022
TBS1042
TBS1062
TBS1064
TBS1102
TBS1104
TBS1152
TBS1154
Bandwidth 1
25 MHz
40 MHz
60 MHz
60 MHz
100 MHz
100 MHz
150 MHz
150 MHz
Channels
2
2
2
4
2
4
2
4
Sample rate on each channel
500 MS/s
500 MS/s
1.0 GS/s
1.0 GS/s
1.0 GS/s
1.0 GS/s
1.0 GS/s
1.0 GS/s
Record length
2.5k points at all time bases
Vertical system — Analog channels
Vertical resolution
8 bits
Input sensitivity range
2 mV to 5 V/div on all models with calibrated fine adjustment
DC gain accuracy
±3%, from 10 mV/div to 5 V/div
Maximum input voltage
300 VRMS CAT II; derated at 20 dB/decade above 100 kHz to 13 Vp-p AC at 3 MHz
Offset range
2 mV to 200 mV/div: ±1.8 V
>200 mV to 5 V/div: ±45 V
Bandwidth limit
20 MHz
Input coupling
AC, DC, GND
Input impedance
1 MΩ in parallel with 20 pF
Vertical zoom
Vertically expand or compress a live or stopped waveform
Horizontal system — Analog channels
Time base range
5 ns to 50 s/div
Time base accuracy
50 ppm
Horizontal zoom
Horizontally expand or compress a live or stopped waveform
1
Bandwidth is 20 MHz at 2 mV/div
TBS1000 Digital Storage Oscilloscopes
www.tektronix.com 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com