Electronic Components Datasheet Search
  English  ▼

X  

MP44010HS Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP44010HS
Description  Boundary Mode PFC Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP44010HS Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP44010HS Datasheet HTML 6Page - Monolithic Power Systems MP44010HS Datasheet HTML 7Page - Monolithic Power Systems MP44010HS Datasheet HTML 8Page - Monolithic Power Systems MP44010HS Datasheet HTML 9Page - Monolithic Power Systems MP44010HS Datasheet HTML 10Page - Monolithic Power Systems MP44010HS Datasheet HTML 11Page - Monolithic Power Systems MP44010HS Datasheet HTML 12Page - Monolithic Power Systems MP44010HS Datasheet HTML 13Page - Monolithic Power Systems MP44010HS Datasheet HTML 14Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
MP44010 – BOUNDARY MODE PFC CONTROLLER
MP44010 Rev. 1.11
www.MonolithicPower.com
10
10/17/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
When the current of the Boost inductor reaches
zero, the voltage on the inductor will be reversed.
Then ZCS generates the turn-on signal of the
MOSFET by sensing the falling edge of the
voltage on the auxiliary winding coupled with the
inductor. If the voltage of the ZCS pin rises above
2.1V, the comparator waits until the voltage falls
below 1.35V. Once the voltage falls below 1.35V,
the MP44010 turns on the MOSFET. The 7.8V
high clamp and 0.55V low clamp protect the ZCS
pin. The internal 175µs timer generates a signal
to turn on the MOSFET if the driver signal has
been low for more than 175µs. This also allows
the MOSFET to turn on during start-up period
since no signal is generated from ZCD then.
Zero-crossing Compensation
The MP44010 offers 30mV voltage offset for
multiplier output near the zero-crossing of the line
voltage which can force the circuit to process
more energy at the bottom of the line voltage.
With this function, the THD of the current could
be evidently reduced.
To prevent redundant energy, this offset is
reduced as the instantaneous line voltage
increases. Therefore the offset will be negligible
near the top of the line voltage.
Power Factor Correction
The MP44010 senses the inductor current
through the current sense pin and compares to
the sinusoidal-shaped signal which is generated
from the output of the multiplier. When the
external power MOSFET turns on, the inductor
current rises linearly. When the peak current hits
the sinusoidal-shaped signal, the external power
MOSFET begins to turn off and the diode turns
on. The inductor current also begins to fall. When
the inductor current reaches zero, the power
MOSFET begins to turn on again, which causes
the inductor current to start rising again. The
power circuit works in boundary conduction mode,
and the envelope of the inductor current is
sinusoidal-shaped. The average input current is
half of the peak current, so the average input
current is also sinusoidal-shaped. A high power
factor can be achieved through this control
method.
Multiplier output
Inductor current
Input average current
Figure 4—Inductor Current Waveform
The control flow chart of the MP44010 is shown
in Figure 5.
Turn On
Latch off IC
Very low
consumption
VCC > 12.4V
Y
N
COMP Clamp to
2.2V
Monitor Vcc
Monitor VCOMP
Monitor
?ICOMP
Vcc< 9.5 V
Y
N
VCOMP<2.2V
Burst operation
EA output
goes back
to linear
region?
N
Y
2.5V< VCOMP<5.7V
?ICOMP<37uA
Continuous operation
37uA<
?ICOMP<40uA
?ICOMP>40uA
OVP step 1:
the Mult output is
forced to decrease
OVP step 2:
Gate driver is
off
?ICOMP<10uA
Y
N
IC is disabled.
Very low
consumption
VZCD <190mV?
Y
N
Figure 5—Control Flow Chart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com