Electronic Components Datasheet Search
  English  ▼

X  

TDP1000 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # TDP1000
Description  1 GHz and 500 MHz High Voltage Differential Probes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TDP1000 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  TDP1000 Datasheet HTML 1Page - List of Unclassifed Manufacturers TDP1000 Datasheet HTML 2Page - List of Unclassifed Manufacturers TDP1000 Datasheet HTML 3Page - List of Unclassifed Manufacturers TDP1000 Datasheet HTML 4Page - List of Unclassifed Manufacturers TDP1000 Datasheet HTML 5Page - List of Unclassifed Manufacturers TDP1000 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Ordering information
Models
TDP1000
1 GHz high-voltage differential probe with TekVPI interface.
TDP0500
500 MHz high-voltage differential probe with TekVPI interface.
P6251
1 GHz High-voltage Differential Probe with TekProbe-BNC Level II Interface.
Options
Language options
Opt. L5
Japanese manual
Opt. L7
Simplified Chinese manual
Service options
Opt. C3
Calibration Service 3 Years
Opt. C5
Calibration Service 5 Years
Opt. R3
Repair Service 3 Years (including warranty)
Opt. R5
Repair Service 5 Years (including warranty)
Opt. SILV600
Standard warranty extended to 5 years
Opt. SILV900
Standard warranty extended to 5 years
Additional service products for the TDP0500 or TDP1000
The following are available during either warranty (DW) or postwarranty (PW).
TDP0500-CA1 / TDP1000-CA
A single calibration event or coverage for the designated calibration interval, whichever comes first
TDP0500-R1PW / TDP1000-R1PW
Repair service coverage, 1-year post warranty
TDP0500-R2PW / TDP1000-R2PW
Repair service coverage, 2-year post warranty
TDP0500-R3DW / TDP1000-R3DW
Repair service coverage 3 years (includes product warranty period) 3-year period starts at time of customer instrument purchase
TDP0500-R5DW / TDP1000-R5DW
Repair service coverage 5 years (includes product warranty period) 5-year period starts at time of customer instrument purchase
Additional service products for the P6251
The following are available during either warranty (DW) or postwarranty (PW).
P6251-CA1
A single calibration event or coverage for the designated calibration interval, whichever comes first
P6251-R1PW
Repair service coverage, 1-year post warranty
P6251-R2PW
Repair service coverage, 2-year post warranty
P6251-R3DW
Repair service coverage 3 years (includes product warranty period) 3-year period starts at time of customer instrument purchase
P6251-R5DW
Repair service coverage 5 years (includes product warranty period) 5-year period starts at time of customer instrument purchase
Datasheet
4 www.tektronix.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com