Electronic Components Datasheet Search
  English  ▼

X  

MP62055 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP62055
Description  3.3V/5V, Single-Channel 500mA Current-Limited Power Distribution Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP62055 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP62055 Datasheet HTML 1Page - Monolithic Power Systems MP62055 Datasheet HTML 2Page - Monolithic Power Systems MP62055 Datasheet HTML 3Page - Monolithic Power Systems MP62055 Datasheet HTML 4Page - Monolithic Power Systems MP62055 Datasheet HTML 5Page - Monolithic Power Systems MP62055 Datasheet HTML 6Page - Monolithic Power Systems MP62055 Datasheet HTML 7Page - Monolithic Power Systems MP62055 Datasheet HTML 8Page - Monolithic Power Systems MP62055 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
MP62055
3.3V/5V, Single-Channel 500mA
Current-Limited Power Distribution Switch
MP62055 Rev.1.0
www.MonolithicPower.com
1
4/19/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The
MP62055
Power
Distribution
Switch
features internal current limiting to prevent
damage to host devices due to faulty load
conditions.
The
MP62055
analog
switch
features 115mΩ on-resistance and operates
from 2.7V to 5.5V input. It is available with a
guaranteed current limit, making it ideal for load
switching applications. The MP62055 has built-
in protection for both over current and
increased thermal stress. For over current, the
device will limit the current by changing to a
constant current mode.
As the temperature increases as a result of
short circuit, the device will shut off. The device
will recover once the device temperature
reduces to approx 120
°C.
The MP62055 is available in TSOT23-5
package.
FEATURES
• 500mA Continuous Current
• Accurate Current Limit
• 2.7V to 5.5V Supply Range
• 90uA Quiescent Current
• 115mΩ MOSFET
• Thermal-Shutdown Protection
• Under-Voltage Lockout
• 8ms FLAG Deglitch Time
• No FLAG Glitch During Power Up
• Reverse Current Blocking
• TSOT23-5 Package
• UL File # E322138
APPLICATIONS
• Smartphone and PDA
• Portable GPS Device
• Set-top-box
• USB Power Distribution
“MPS” and “The Future of Analog IC Technology” are Trademarks of Monolithic
Power Systems, Inc.
TYPICAL APPLICATION
OUT
MP62055
SINGLE-CHANNEL
2
5
4
3
1
+5V
To VBUS
USB Ports
FLAG
IN
GND
EN
OFF ON
UL Recognized Component


Similar Part No. - MP62055

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP62055-3 MPS-MP62055-3 Datasheet
357Kb / 12P
3.3V/5V, Single-Channel 500mA Current-Limited Power Distribution Switch
MP62055EJ-3 MPS-MP62055EJ-3 Datasheet
357Kb / 12P
3.3V/5V, Single-Channel 500mA Current-Limited Power Distribution Switch
MP62055ES-3 MPS-MP62055ES-3 Datasheet
357Kb / 12P
3.3V/5V, Single-Channel 500mA Current-Limited Power Distribution Switch
More results

Similar Description - MP62055

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP6205 MPS-MP6205 Datasheet
373Kb / 12P
3.3V/5V, Single-Channel 500mA Current-Limited Power Distribution Switch
MP6211-3 MPS-MP6211-3 Datasheet
589Kb / 13P
3.3V/5V, Single-Channel 1A Current-Limited Power Distribution Switch
MP6215 MPS-MP6215 Datasheet
658Kb / 10P
3.3V/5V, Single-Channel 1.5A Current-Limited Power Distribution Switch
MP62055-3 MPS-MP62055-3 Datasheet
357Kb / 12P
3.3V/5V, Single-Channel 500mA Current-Limited Power Distribution Switch
MP62061 MPS-MP62061 Datasheet
292Kb / 11P
3.3V/5V, Single-Channel 700mA Current-Limited Power Distribution Switch
MP62071 MPS-MP62071 Datasheet
293Kb / 11P
3.3V/5V, Single-Channel 0.8A Current-Limited Power Distribution Switch
MP62130 MPS-MP62130 Datasheet
420Kb / 12P
3.3V/5V, Single-Channel 500mA Current-Limited Power Distribution Switch with Output Discharge
MP62150 MPS-MP62150 Datasheet
602Kb / 10P
3.3V/5V, Single-Channel, 1.5A Current-Limited Power Distribution Switch
MP62170 MPS-MP62170 Datasheet
366Kb / 12P
3.3V/5V, Single-Channel 1.5A Current-Limited Power Distribution Switch
MP62260 MPS-MP62260 Datasheet
417Kb / 11P
3.3V/5V, Single-Channel 2A Current-Limited Power Distribution Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com