Electronic Components Datasheet Search
  English  ▼

X  

TDS2001C Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # TDS2001C
Description  Digital Storage Oscilloscopes
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TDS2001C Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button TDS2001C Datasheet HTML 4Page - List of Unclassifed Manufacturers TDS2001C Datasheet HTML 5Page - List of Unclassifed Manufacturers TDS2001C Datasheet HTML 6Page - List of Unclassifed Manufacturers TDS2001C Datasheet HTML 7Page - List of Unclassifed Manufacturers TDS2001C Datasheet HTML 8Page - List of Unclassifed Manufacturers TDS2001C Datasheet HTML 9Page - List of Unclassifed Manufacturers TDS2001C Datasheet HTML 10Page - List of Unclassifed Manufacturers TDS2001C Datasheet HTML 11Page - List of Unclassifed Manufacturers TDS2001C Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
EMC, environment and safety
Temperature
Operating
0 to +50 °C
Non-operating
-40 to +71 °C
Humidity
Operating
Up to 80% RH at or below +40 °C
Up to 45% RH up to +50 °C
Non-operating
Up to 80% RH at or below +40 °C
Up to 45% RH up to +50 °C
Altitude
Operating
Up to 3,000 m
Non-operating
Up to 3,000 m
Electromagnetic compatibility
Meets Directive 2004/108/EC, EN 61326-2-1 Class A; Australian EMC Framework
Safety
UL61010-2004, CSA22.2 No. 61010-1:2004, EN61010-1:2001, IEC61010-1:2001, EU Low Voltage Directive 2006/95/EC
Datasheet
8 www.tektronix.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com