Electronic Components Datasheet Search
  English  ▼

X  

MP62061 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP62061
Description  3.3V/5V, Single-Channel 700mA Current-Limited Power Distribution Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP62061 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP62061 Datasheet HTML 1Page - Monolithic Power Systems MP62061 Datasheet HTML 2Page - Monolithic Power Systems MP62061 Datasheet HTML 3Page - Monolithic Power Systems MP62061 Datasheet HTML 4Page - Monolithic Power Systems MP62061 Datasheet HTML 5Page - Monolithic Power Systems MP62061 Datasheet HTML 6Page - Monolithic Power Systems MP62061 Datasheet HTML 7Page - Monolithic Power Systems MP62061 Datasheet HTML 8Page - Monolithic Power Systems MP62061 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
MP62061 –CURRENT-LIMITED POWER DISTRIBUTION SWITCHE
MP62061 Rev. 0.91
www.MonolithicPower.com
4
9/23/2009
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2009 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
MSOP8E
SOIC8E
Name
Description
1
GND,
Exposed
Pad
Ground. Connect exposed pad to GND plane for optimal thermal performance
2, 3
IN
Input Voltage. Accepts 2.7V to 5.5V input.
4
EN
Enable Input. Active High.
5
FLAG
IN-to-OUT Over-current, active-low output flag. Open-Drain.
6, 7, 8
OUT
Power-Distribution Switch Output.
TYPICAL PERFORMANCE CHARACTERISTICS
TA = +25ºC, unless otherwise noted.
VI(ENX)
VI(ENX)
VO(OUTX)
OUTX
RL
CL
VO(OUTX)
VO(OUTX)
50%
50%
50%
50%
90%
90%
90%
90%
10%
10%
10%
10%
ton
tr
tf
ton
toff
toff
VOLTAGE WAVEFORMS
TEST CIRCUIT
Figure 1—Test Circuit and Voltage Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com