Electronic Components Datasheet Search
  English  ▼

X  

MP62160 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP62160
Description  3.3V/5V, Single-Channel 2A Current-Limited Power Distribution Switch with Output Discharge
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP62160 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP62160 Datasheet HTML 1Page - Monolithic Power Systems MP62160 Datasheet HTML 2Page - Monolithic Power Systems MP62160 Datasheet HTML 3Page - Monolithic Power Systems MP62160 Datasheet HTML 4Page - Monolithic Power Systems MP62160 Datasheet HTML 5Page - Monolithic Power Systems MP62160 Datasheet HTML 6Page - Monolithic Power Systems MP62160 Datasheet HTML 7Page - Monolithic Power Systems MP62160 Datasheet HTML 8Page - Monolithic Power Systems MP62160 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MP62160/MP62161 –CURRENT-LIMITED POWER DISTRIBUTION SWITCH
MP62160_MP62161 Rev. 0.9
www.MonolithicPower.com
3
7/8/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (4)
TA=+25°C, 2.7V≤VIN≤5.5V, RFLAG=100kΩ, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
IN Voltage Range
VIN
2.7
5.5
V
Supply Current
IIN_ON
Device Active, VOUT=float, VIN=5.5V,
IOUT=0
90
120
μA
Shutdown Current
IIN_OFF
Device Disable, VOUT=float, VIN=5.5V
1
μA
Off Switch Leakage
Device Disable, VOUT=GND, VIN=5.5V
1
μA
Current Limit
IOS
2.1
2.8
3.5
A
Trip Current
Itrip
Current Ramp (slew rate≤100A/s) on
Output
3.1
4
A
Under-voltage Lockout
INUVVTH
VIN Rising Edge
1.95
2.65
V
Under-voltage
Hysteresis
INUVHYS
250
mV
MSOP8E
75
120
mΩ
QFN8E
(2mm x 3mm)
75
120
mΩ
FET On Resistance
RDS(on)
VIN=5V, IOUT=100mA (-
40°C≤ TA ≤85°C)
SOIC8
85
120
mΩ
EN Input Logic High
Voltage
VIHEN
2
V
EN Input Logic Low
Voltage
VILEN
0.8
V
FLAG Output Logic
Low Voltage
VOL
IFLAG=5mA
0.4
V
FLAG Output High
Leakage Current
IFLAG_OFF
VFLAG=5.5V
1
μA
Thermal Shutdown
Threshold
TJ
140
°C
Thermal Shutdown
Hysteresis
TJ_HYS
20
°C
VIN=5.5V, CL=1μF, RL=5Ω
0.9
ms
VOUT Rising Time
Tr
(5)
VIN=2.7V, CL=1μF, RL=5Ω
1.7
ms
VIN=5.5V, CL=1μF, RL=5Ω
0.5
ms
VOUT Falling Time
Tf
(6)
VIN=2.7V, CL=1μF, RL=5Ω
0.5
ms
Turn On Time
Ton
(7)
CL=100μF, RL=5Ω
3
ms
Turn Off Time
Toff
(8)
CL=100μF, RL=5Ω
10
ms
Discharge Resistance
RDIS
250
Ω
FLAG Deglitch Time
TFLAG_Deg Delay time for assertion or deassertion
due to over-current condition
4
8
15
ms
EN Input Leakage
IEN
VEN=0~5.5V
-1
μA
Reverse Leakage
Current
IREV
VOUT=5.5V, VIN=GND
0.2
μA
NOTE:
4) Production test at +25°C. Specifications over the temperature range are guaranteed by design and characterization.
5) Measured from 10% to 90%.
6) Measured from 90% to 10%.
7) Measured from (50%) EN signal to (90%) output signal.
8) Measured from (50%) EN signal to (10%) output signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com