Electronic Components Datasheet Search
  English  ▼

X  

MP62170 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP62170
Description  3.3V/5V, Single-Channel 1.5A Current-Limited Power Distribution Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP62170 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP62170 Datasheet HTML 1Page - Monolithic Power Systems MP62170 Datasheet HTML 2Page - Monolithic Power Systems MP62170 Datasheet HTML 3Page - Monolithic Power Systems MP62170 Datasheet HTML 4Page - Monolithic Power Systems MP62170 Datasheet HTML 5Page - Monolithic Power Systems MP62170 Datasheet HTML 6Page - Monolithic Power Systems MP62170 Datasheet HTML 7Page - Monolithic Power Systems MP62170 Datasheet HTML 8Page - Monolithic Power Systems MP62170 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MP62170/MP62171 –CURRENT-LIMITED POWER DISTRIBUTION SWITCH
MP62170/MP62171 Rev.0.9
www.MonolithicPower.com
5
1/12/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN=5V, VEN=0V, VCC=5V, CL=2.2µF, TA=25°C, unless otherwise noted.
Supply Current, Output Enabled
vs.Input Voltage
1
1.5
2
2.5
3
3.5
4
2.5 3
3.5
4
4.5
5
5.5 6
INPUT VOLTAGE (V)
0.8
0.9
1
1.1
1.2
2.5
3
3.5 4
4.5
5
5.5
6
INPUT VOLTAGE (V)
0.8
1
1.2
1.4
1.6
1.8
2
2.5 3
3.5
4
4.5
5
5.5 6
INPUT VOLTAGE (V)
45
50
55
60
65
70
2.5
3
3.5
4
4.5
5
5.5
6
INPUT VOLTAGE (V)
70
80
90
100
110
120
2.5 3
3.5 4
4.5 5
5.5
6
INPUT VOLTAGE (V)
-25
-20
-15
-10
-5
0
5
10
15
20
25
30
-30-20-10 0 10 20 30 40 50 60 70 80 90
AMBIENT TEMPERATURE (oC)
Static Drain-Source On-State
Resistance Variation vs.
Ambient Temperature
IO=0.1A
70
80
90
100
110
120
130
140
2.5
3 3.5
4 4.5
5 5.5
6
INPUT VOLTAGE (V)
Static Drain-Source On-State
Resistance vs.
Input Voltage
IO=1.5A
0
20
40
60
80
100
120
140
160
180
200
0
0.3
0.6
0.9
1.2
1.5
OUTPUT CURRENT (A)
Input to Output Voltage vs.
Load Current
1.8
1.9
2
2.1
2.2
2.3
2.5
3 3.5
4 4.5
5 5.5
6
INPUT VOLTAGE (V)
Current Limit vs.
Input Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com