Electronic Components Datasheet Search
  English  ▼

X  

MP62161DD Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP62161DD
Description  3.3V/5V, Single-Channel 2A Current-Limited Power Distribution Switch with Output Discharge
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP62161DD Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP62161DD Datasheet HTML 4Page - Monolithic Power Systems MP62161DD Datasheet HTML 5Page - Monolithic Power Systems MP62161DD Datasheet HTML 6Page - Monolithic Power Systems MP62161DD Datasheet HTML 7Page - Monolithic Power Systems MP62161DD Datasheet HTML 8Page - Monolithic Power Systems MP62161DD Datasheet HTML 9Page - Monolithic Power Systems MP62161DD Datasheet HTML 10Page - Monolithic Power Systems MP62161DD Datasheet HTML 11Page - Monolithic Power Systems MP62161DD Datasheet HTML 12Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
MP62160/MP62161 –CURRENT-LIMITED POWER DISTRIBUTION SWITCH
MP62160_MP62161 Rev. 0.9
www.MonolithicPower.com
11
7/8/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
QFN8E (2mm x 3mm)
SIDE VIEW
TOP VIEW
BOTTOM VIEW
2.90
3.10
1.90
2.10
0.00
0.05
PIN 1 ID
MARKING
1.70
0.50
0.25
RECOMMENDED LAND PATTERN
2.90
NOTE:
1) ALL DIMENSIONS ARE IN MILLIMETERS.
2) EXPOSED PADDLE SIZE DOES NOT INCLUDE MOLD FLASH.
3) LEAD COPLANARITY SHALL BE 0.10 MILLIMETER MAX.
4) DRAWING CONFORMS TO JEDEC MO-229, VARIATION VCED-2.
5) DRAWING IS NOT TO SCALE.
1.60
0.70
PIN 1 ID OPTION B
R0.20 TYP.
DETAIL A
PIN 1 ID
INDEX AREA
1
8
5
4
1.65
1.85
1.50
1.70
0.50
BSC
0.18
0.30
PIN 1 ID
SEE DETAIL A
0.30
0.50
0.80
1.00
0.20 REF
PIN 1 ID OPTION A
0.30x45”TYP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com