Electronic Components Datasheet Search
  English  ▼

X  

MP62171ES Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP62171ES
Description  3.3V/5V, Single-Channel 1.5A Current-Limited Power Distribution Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP62171ES Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP62171ES Datasheet HTML 1Page - Monolithic Power Systems MP62171ES Datasheet HTML 2Page - Monolithic Power Systems MP62171ES Datasheet HTML 3Page - Monolithic Power Systems MP62171ES Datasheet HTML 4Page - Monolithic Power Systems MP62171ES Datasheet HTML 5Page - Monolithic Power Systems MP62171ES Datasheet HTML 6Page - Monolithic Power Systems MP62171ES Datasheet HTML 7Page - Monolithic Power Systems MP62171ES Datasheet HTML 8Page - Monolithic Power Systems MP62171ES Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MP62170/MP62171 –CURRENT-LIMITED POWER DISTRIBUTION SWITCH
MP62170/MP62171 Rev.0.9
www.MonolithicPower.com
3
1/12/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
(4)
VIN=5V, TA=+25°C, unless otherwise noted.
Parameter
Condition
Min
Typ
Max
Units
IN Voltage Range
2.7
5.5
V
Supply Current
EN Enabled, IOUT=0
90
120
µA
Shutdown Current
Device Disable, VOUT=float, VIN=5.5V
1
µA
Off Switch Leakage
Device Disable, VIN=5.5V
1
µA
Current Limit
1.6
2.3
3
A
Trip Current
Current Ramp (slew rate≤100A/s) on
Output
2.5
3.3
A
Under-voltage Lockout
Rising Edge
1.95
2.65
V
Under-voltage Hysteresis
250
mV
FET On Resistance
IOUT=100mA (-20°C≤TA≤+85°C)
75
130
mΩ
EN Input Logic High Voltage
2
V
EN Input Logic Low Voltage
0.8
V
FLAG Output Logic Low Voltage
ISINK=5mA
0.4
V
FLAG
Output
High
Leakage
Current
VIN=VFLAG=5.5V
1
µA
Thermal Shutdown
140
°C
Thermal Shutdown Hysteresis
20
°C
VIN=5.5V, CL=1uF, RL=5.5Ω
0.9
ms
VOUT Rising Time, Tr
(5)
VIN=2.7V, CL=1uF, RL=5.5Ω
1.7
ms
VIN=5.5V, CL=1uF, RL=5.5Ω
0.5
ms
VOUT Falling Time, Tf
(6)
VIN=2.7V, CL=1uF, RL=5.5Ω
0.5
ms
Turn On Time, Ton
(7)
CL=100µF, RL=5.5Ω
3
ms
Turn Off Time, Toff
(8)
CL=100µF, RL=5.5Ω
10
ms
FLAG Deglitch Time
4
8
15
ms
EN Input Leakage
1
µA
Reverse Leakage Current
VOUT =5.5V, VIN =GND
0.2
µA
Notes:
4) Production test at +25°C. Specifications over the temperature range are guaranteed by design and characterization.
5) Measured from 10% to 90% output signal.
6) Measured from 90% to 10% output signal.
7) Measured from 50% EN signal to 90% output signal.
8) Measured from 50% EN signal to 10% output signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com