Electronic Components Datasheet Search
  English  ▼

X  

MP62180 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP62180
Description  3.3V/5V, Single-Channel 2A Current-Limited Power Distribution Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP62180 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP62180 Datasheet HTML 1Page - Monolithic Power Systems MP62180 Datasheet HTML 2Page - Monolithic Power Systems MP62180 Datasheet HTML 3Page - Monolithic Power Systems MP62180 Datasheet HTML 4Page - Monolithic Power Systems MP62180 Datasheet HTML 5Page - Monolithic Power Systems MP62180 Datasheet HTML 6Page - Monolithic Power Systems MP62180 Datasheet HTML 7Page - Monolithic Power Systems MP62180 Datasheet HTML 8Page - Monolithic Power Systems MP62180 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MP62180/MP62181 –CURRENT-LIMITED POWER DISTRIBUTION SWITCH
MP62180_MP62181 Rev. 0.9
www.MonolithicPower.com
5
2/23/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN =5V, VEN=0V for MP62180 or 5V for MP62181, CL=2.2µF, TA = +25ºC, unless otherwise noted.
60
65
70
75
80
85
90
95
100
2.5
3 3.5
4 4.5
5 5.5
6
INPUT VOLTAGE (V)
INPUT VOLTAGE (V)
Static Drain-Source On-State
Resistance vs. Input Voltage
IO=2A
Input to Output Voltage vs.
Load Current
Current Limit
vs. Input Voltage
Supply Current, Output Enabled
vs. Input Voltage
OUTPUT CURRENT (A)
INPUT VOLTAGE (V)
INPUT VOLTAGE (V)
INPUT VOLTAGE (V)
INPUT VOLTAGE (V)
Threshold Trip Current vs.
Input Voltage
Current Limit Response Time
vs. Peak Current
PEAK CURRENT (A)
1
1.5
2
2.5
3
3.5
4
2.5
3 3.5
4 4.5
5 5.5
6
0
0.05
0.1
0.15
0.2
0.25
2.5
3 3.5
4 4.5
5 5.5
6
70
80
90
100
110
120
130
140
150
160
170
2.5
3 3.5
4 4.5
5 5.5
6
0
50
100
150
200
250
300
350
0
0.4
0.8
1.2
1.6
2
Vin=2.7V
Vin=3.3V
Vin=4.5V
Vin=5V
Vin=5.5V
0
5
10
15
20
25
30
25
8
11
14
17
2.4
2.6
2.8
3
3.2
3.4
2.5
3 3.5
4 4.5
5 5.5
6
2.5
2.6
2.7
2.8
2.9
3
3.1
3.2
2.5
3 3.5
4 4.5
5 5.5
6
Static Drain-Source On-State
Resistance Variation vs.
Ambient Temperature
IO=0.1A
-30
-25
-20
-15
-10
-5
0
5
10
15
20
25
30
-45 -30 -15 0 15 30 45 60 75 90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com