Electronic Components Datasheet Search
  English  ▼

X  

MP62341DS Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP62341DS
Description  3.3V/5V, Dual-Channel 1A Current-Limited Power Distribution Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP62341DS Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP62341DS Datasheet HTML 1Page - Monolithic Power Systems MP62341DS Datasheet HTML 2Page - Monolithic Power Systems MP62341DS Datasheet HTML 3Page - Monolithic Power Systems MP62341DS Datasheet HTML 4Page - Monolithic Power Systems MP62341DS Datasheet HTML 5Page - Monolithic Power Systems MP62341DS Datasheet HTML 6Page - Monolithic Power Systems MP62341DS Datasheet HTML 7Page - Monolithic Power Systems MP62341DS Datasheet HTML 8Page - Monolithic Power Systems MP62341DS Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MP62340/MP62341 –CURRENT-LIMITED POWER DISTRIBUTION SWITCHES
MP62340/MP62341 Rev.1.0
www.MonolithicPower.com
5
12/10/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN=5V, CL=1uF, TA=25℃, for only one channel, unless otherwise noted.
INPUT VOLTAGE (V)
INPUT VOLTAGE (V)
INPUT VOLTAGE (V)
Input to Output Voltage vs.
Load Current
Current Limit vs.
Input Voltage
Supply Current, Output
Enable vs. Input Voltage
Static Drain-Source On-State
Resistance Variation vs.
Ambient Temperature
IO=0.1A
Static Drain-Source On-State
Resistance vs. Input Voltage
IO=1A
INPUT VOLTAGE (V)
INPUT VOLTAGE (V)
1
1.5
2
2.5
3
3.5
2.5 3
3.5
4
4.5
5
5.5
6
1
1.1
1.2
1.3
1.4
1.5
2.5 3
3.5
4
4.5
5 5.5
6
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
2.5
3
3.5
4
4.5
5 5.5
6
30
35
40
45
50
55
60
65
2.5 3
3.5 4
4.5
5
5.5 6
2.5 3
3.5 4
4.5
5
5.5 6
60
70
80
90
100
110
-25
-20
-15
-10
-5
0
5
10
15
20
25
-40 -20
020
40
60
80
AMBIENT TEMPERATURE (oC)
70
80
90
100
110
120
130
140
2.5 3
3.5
4
4.5
5
5.5
6
INPUT VOLTAGE (V)
0
20
40
60
80
100
120
140
0
0.2
0.4
0.6
0.8
1
OUTPUT CURRENT (A)
Vin=5.5V
Vin=5V
Vin=4V
Vin=2.7V
Vin=3.3V
1.4
1.5
1.6
1.7
1.8
2.5 3 3.5
4
4.5
5
5.5
6
INPUT VOLTAGE (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com