Electronic Components Datasheet Search
  English  ▼

X  

MPQ4458 Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MPQ4458
Description  Industrial Grade ,1A, 4MHz, 36V Step-Down Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ4458 Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MPQ4458 Datasheet HTML 6Page - Monolithic Power Systems MPQ4458 Datasheet HTML 7Page - Monolithic Power Systems MPQ4458 Datasheet HTML 8Page - Monolithic Power Systems MPQ4458 Datasheet HTML 9Page - Monolithic Power Systems MPQ4458 Datasheet HTML 10Page - Monolithic Power Systems MPQ4458 Datasheet HTML 11Page - Monolithic Power Systems MPQ4458 Datasheet HTML 12Page - Monolithic Power Systems MPQ4458 Datasheet HTML 13Page - Monolithic Power Systems MPQ4458 Datasheet HTML 14Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
MPQ4458 –INDUSTRIAL GRADE,1A, 4MHz, 36V STEP-DOWN CONVERTER
MPQ4458 Rev. 1.0
www.MonolithicPower.com
10
12/5/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
Table 2—Selected Inductors
Manufacturer
Part Number
Inductance
(µH)
Max DCR
(Ω)
Current Rating
(A)
Dimensions
L x W x H (mm
3)
Wurth Electronics
7447789002
2.2µH
0.019
4A
7.3x7.3x3.2
Wurth Electronics
7447789003
3.3µH
0.024
3.42A
7.3x7.3x3.2
Wurth Electronics
7447789004
4.7µH
0.033
2.9A
7.3x7.3x3.2
Wurth Electronics
744066100
10µH
0.035
3.6A
10x10x3.8
Wurth Electronics
744771115
15µH
0.025
3.75
12x12x6
Wurth Electronics
744771122
22µH
0.031
3.37
12x12x6
TDK
RLF7030T-2R2
2.2µH
0.012
5.4A
7.3x6.8x3.2
TDK
RLF7030T-3R3
3.3µH
0.02
4.1A
7.3x6.8x3.2
TDK
RLF7030T-4R7
4.7µH
0.031
3.4A
7.3x6.8x3.2
TDK
SLF10145T-100
10µH
0.0364
3A
10.1x10.1x4.5
TDK
SLF12565T-150M4R2
15µH
0.0237
4.2
12.5x12.5x6.5
TDK
SLF12565T-220M3R5
22µH
0.0316
3.5
12.5x12.5x6.5
TOKO
FDV0630-2R2M
2.2µH
0.021
5.3
7.7x7x3
TOKO
FDV0630-3R3M
3.3µH
0.031
4.3
7.7x7x3
TOKO
FDV0630-4R7M
4.7µH
0.049
3.3
7.7x7x3
TOKO
#919AS-100M
10µH
0.0265
4.3
10.3x10.3x4.5
TOKO
#919AS-160M
16µH
0.0492
3.3
10.3x10.3x4.5
TOKO
#919AS-220M
22µH
0.0776
3.0
10.3x10.3x4.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com