Electronic Components Datasheet Search
  English  ▼

X  

MPQ4460 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MPQ4460
Description  Industrial Grade, 2.5A, 4MHz, 36V Step-Down Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ4460 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MPQ4460 Datasheet HTML 1Page - Monolithic Power Systems MPQ4460 Datasheet HTML 2Page - Monolithic Power Systems MPQ4460 Datasheet HTML 3Page - Monolithic Power Systems MPQ4460 Datasheet HTML 4Page - Monolithic Power Systems MPQ4460 Datasheet HTML 5Page - Monolithic Power Systems MPQ4460 Datasheet HTML 6Page - Monolithic Power Systems MPQ4460 Datasheet HTML 7Page - Monolithic Power Systems MPQ4460 Datasheet HTML 8Page - Monolithic Power Systems MPQ4460 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
MPQ4460
Industrial Grade, 2.5A, 4MHz, 36V
Step-Down Converter
MPQ4460 Rev1.21
www.MonolithicPower.com
1
12/5/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MPQ4460 is a high frequency step-down
switching regulator with an integrated internal
high-side high voltage power MOSFET. It
provides 2.5A output with current mode control
for fast loop response and easy compensation.
The
wide
3.8V
to
36V
input
range
accommodates
a
variety
of
step-down
applications, including those in an automotive
input
environment.
A
120µA
operational
quiescent current allows use in battery-powered
applications.
High power conversion efficiency over a wide
load range is achieved by scaling down the
switching frequency at light load condition to
reduce the switching and gate driving losses.
The frequency foldback helps prevent inductor
current runaway during startup and thermal
shutdown
provides
reliable,
fault
tolerant
operation.
By switching at 4MHz, the MPQ4460 is able to
prevent EMI (Electromagnetic Interference)
noise problems, such as those found in AM
radio and ADSL applications.
The MPQ4460 is available in a small 3mm x
3mm QFN10 package.
FEATURES
• Guaranteed Industrial Temp Range Limits
• 120μA Quiescent Current
• Wide 3.8V to 36V Operating Input Range
• 150mΩ Internal Power MOSFET
• Up to 4MHz Programmable Switching
Frequency
• Ceramic Capacitor Stable
• Internal Soft-Start
• Internally Set Current Limit without a
Current Sensing Resistor
• Up to 95% Efficiency
• Output Adjustable from 0.8V to 30V
• Available in a 3mm x 3mm QFN10 Package
APPLICATIONS
• High Voltage Power Conversion
• Automotive Systems
• Industrial Power Systems
• Distributed Power Systems
• Battery Powered Systems
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Quality Assurance. “MPS” and “The
Future of Analog IC Technology” are Registered Trademarks of Monolithic
Power Systems, Inc.
TYPICAL APPLICATION
C1
10uF
50V
C3
220pF
C6
NS
L1
10uH
C4
100nF
C2
22uF
6.3V
D1
VOUT
3.3V
VIN
VIN
EN
FREQ
GND
BST
SW
FB
COMP
MPQ4460
EN
6
10
1,2
5
4
8,9
3
7
Efficiency vs
Load Current
100
90
80
70
60
50
40
30
0
0.5
1.0
1.5
2.0
2.5
LOAD CURRENT (A)
VOUT=3.3V
VIN=12V
VIN=24V
VIN=5V


Similar Part No. - MPQ4460

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MPQ4462 MPS-MPQ4462 Datasheet
620Kb / 20P
3.5A, 4MHz, 36V, Step-Down Converter AEC-Q100 Qualified
MPQ4462-AEC1 MPS-MPQ4462-AEC1 Datasheet
925Kb / 20P
3.5A, 4MHz, 36V, Step-Down Converter AEC-Q100 Qualified
MPQ4462DN MPS-MPQ4462DN Datasheet
620Kb / 20P
3.5A, 4MHz, 36V, Step-Down Converter AEC-Q100 Qualified
MPQ4462DN MPS-MPQ4462DN Datasheet
925Kb / 20P
3.5A, 4MHz, 36V, Step-Down Converter AEC-Q100 Qualified
MPQ4462DN-AEC1 MPS-MPQ4462DN-AEC1 Datasheet
620Kb / 20P
3.5A, 4MHz, 36V, Step-Down Converter AEC-Q100 Qualified
More results

Similar Description - MPQ4460

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2560 MPS-MP2560 Datasheet
509Kb / 19P
2.5A, 4MHz, 42V Step-Down Converter
MP2565 MPS-MP2565 Datasheet
535Kb / 20P
2.5A, 4MHz, 50V Step-Down Converter
MP4350 MPS-MP4350 Datasheet
455Kb / 14P
2.5A, 4MHz, 20V Step-Down Converter
MP4458 MPS-MP4458 Datasheet
390Kb / 16P
1A, 4MHz, 36V Step-Down Converter
MP4459 MPS-MP4459 Datasheet
451Kb / 17P
1.5A, 4MHz, 36V Step-Down Converter
MP4460 MPS-MP4460 Datasheet
451Kb / 18P
2.5A, 4MHz, 36V Step-Down Converter
MP4462 MPS-MP4462 Datasheet
482Kb / 20P
3.5A, 4MHz, 36V Step-Down Converter
MPQ4456 MPS-MPQ4456 Datasheet
553Kb / 16P
Industrial Grade ,1A, 4MHz, 36V Step-Down Converter
MPQ4458 MPS-MPQ4458 Datasheet
362Kb / 16P
Industrial Grade ,1A, 4MHz, 36V Step-Down Converter
MPQ4459 MPS-MPQ4459 Datasheet
398Kb / 17P
Industrial Grade,1.5A, 4MHz, 36V Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com