Electronic Components Datasheet Search
  English  ▼

X  

MPQ4558DN Datasheet(PDF) 15 Page - Monolithic Power Systems

Part # MPQ4558DN
Description  1A, 2MHz, 55V Step-Down Converter AEC-Q100 Qualified
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ4558DN Datasheet(HTML) 15 Page - Monolithic Power Systems

Back Button MPQ4558DN Datasheet HTML 11Page - Monolithic Power Systems MPQ4558DN Datasheet HTML 12Page - Monolithic Power Systems MPQ4558DN Datasheet HTML 13Page - Monolithic Power Systems MPQ4558DN Datasheet HTML 14Page - Monolithic Power Systems MPQ4558DN Datasheet HTML 15Page - Monolithic Power Systems MPQ4558DN Datasheet HTML 16Page - Monolithic Power Systems MPQ4558DN Datasheet HTML 17Page - Monolithic Power Systems MPQ4558DN Datasheet HTML 18Page - Monolithic Power Systems MPQ4558DN Datasheet HTML 19Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
MPQ4558 – 1A, 2MHz, 55V STEP-DOWN CONVERTER, AEC-Q100 QUALIFIED
MPQ4558 Rev. 1.01
www.MonolithicPower.com
15
5/17/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
The system may have another important zero if
the output capacitor has a large capacitance or a
high ESR value. The zero, due to the ESR and
the output capacitor value, is located at:
=
××
ESR
ESR
1
f
2π C2 R
In this case, a third pole set by the compensation
capacitor (C5) and R3 compensates for the effect
of the ESR zero on the loop gain. This pole is
located at:
=
××
P3
1
f
2 π C5 R 3
The compensation network shapes the converter
transfer function for a desired loop gain. The
feedback-loop unity gain at the system crossover
frequency
is
important:
Lower
crossover
frequencies result in slower line and load
transient responses, while higher crossover
frequencies
can
destabilize
the
system.
Generally, set the crossover frequency to
approximately 1/10 of the switching frequency.
Table 3: Compensation Values for Typical Output
Voltage/Capacitor Combinations
VOUT
(V)
L (µH)
C2
(µF)
R3
(kΩ)
C3
(pF)
C6
(pF)
1.8
4.7
33
32.4
680
None
2.5
4.7 - 6.8
22
26.1
680
None
3.3
6.8 -10
22
68.1
220
None
5
15 - 22
33
47.5
330
None
12
10
22
16
470
2
To optimize the compensation components for
conditions not listed in Table 3, use the following
procedure.
1. Choose R3 to set the desired crossover
frequency. Determine the R3 value from the
following equation:
××
=×
×
COUT
EA
CS
FB
2π C2 f
V
R3
GG
V
Where fC is the desired crossover frequency.
2. Choose C3 to achieve the desired phase
margin. For applications with typical inductor
values, set the compensation zero—fZ1—below ¼
the crossover frequency to provide sufficient
phase margin. Determine C3 from the following
equation:
>
××
C
4
C3
2 π R3 f
3. Determine if C5 is required—if the ESR zero of
the output capacitor is located at less than 1/2 fS,
or if the following relationship is valid:
<
××
S
ESR
f
1
2π C2 R
2
If this is the case, then add C5 to set the pole fP3
at the location of the ESR zero. Determine the
C5 value by the equation:
×
=
ESR
C2 R
C5
R3
High-Frequency Operation
The MPQ4558 switching frequency can be
programmed up to 2MHz by an external resistor.
The minimum MPQ4558 ON-time is typically
about 100ns. Pulse-skipping operation can be
seen more easily at higher switching frequencies
due to the minimum ON-time.
Since the internal bootstrap circuitry has higher
impedance that may not be adequate to charge
the
bootstrap
capacitor
during
each
(1-D)×tS charging period, add an external
bootstrap charging diode if the switching
frequency is about 2MHz (see External Bootstrap
Diode
section
for
detailed
implementation
information).
With higher switching frequencies, the inductive
reactance (XL) of the capacitor dominates so that
the ESL of the input/output capacitor determines
the input/output ripple voltage at higher switching
frequencies. Because of this ripple, use high-
frequency ceramic capacitors for the input
decoupling capacitor and output the filtering
capacitor for high-frequency operation.
Layout becomes more important when the device
switches at higher frequencies. For best results,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com