Electronic Components Datasheet Search
  English  ▼

X  

TPS2014B Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # TPS2014B
Description  Digital Storage Oscilloscopes
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TPS2014B Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button TPS2014B Datasheet HTML 2Page - List of Unclassifed Manufacturers TPS2014B Datasheet HTML 3Page - List of Unclassifed Manufacturers TPS2014B Datasheet HTML 4Page - List of Unclassifed Manufacturers TPS2014B Datasheet HTML 5Page - List of Unclassifed Manufacturers TPS2014B Datasheet HTML 6Page - List of Unclassifed Manufacturers TPS2014B Datasheet HTML 7Page - List of Unclassifed Manufacturers TPS2014B Datasheet HTML 8Page - List of Unclassifed Manufacturers TPS2014B Datasheet HTML 9Page - List of Unclassifed Manufacturers TPS2014B Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Specifications
All specifications apply to all models unless noted otherwise.
Model overview
TPS2012B
TPS2014B
TPS2024B
Isolated channels
2
4
4
Bandwidth 5
100 MHz
100 MHz
200 MHz
Rise time
3.5 ns
3.5 ns
2.1 ns
Sample rate per channel
1.0 GS/s
1.0 GS/s
2.0 GS/s
Record length
2.5k points
2.5k points
2.5k points
Vertical system
Record length
2.5k points
Vertical resolution
8 bits (normal or with averaging)
Vertical sensitivity
2 mV to 5 V/div on all models with calibrated fine adjustment
DC vertical accuracy
±3%
Vertical zoom
Vertically expand or compress a live or stopped waveform
Maximum input voltage (1 MΩ)
300 VRMS CAT II from BNC signal to BNC shell
Float voltage
600 VRMS CAT II from BNC shell to earth ground
Position range
2 mV to 200 mV/div ±1.8 V
>200 mV to 5 V/div ±45 V
Bandwidth limit
20 MHz
Linear dynamic range
±5 div
Input impedance
1 MΩ ±2% in parallel with 20 pF
Input coupling
AC, DC, GND
Horizontal system
Seconds/division range
TPS2012B
TPS2014B
TPS2024B
5 ns to 50 s/div
5 ns to 50 s/div
2.5 ns to 50 s/div
Time base accuracy
50 ppm
Horizontal zoom
Horizontally expand or compress a live or stopped waveform
5
Bandwidth is 20 MHz at 2 mV/div, all models. For TPS2024B, 200 MHz bandwidth is typical at 5 mV/div. Bandwidth is 200 MHz at 10 mV/div and above, for operating temperatures from 0 °C to 40 °C.
Bandwidth is 180 MHz for all V/div settings 10 mV/div and above, for operating temperatures from 0 °C to 50 °C.
Datasheet
6 www.tektronix.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com