Electronic Components Datasheet Search
  English  ▼

X  

AD976ABN Datasheet(PDF) 12 Page - Analog Devices

Part # AD976ABN
Description  16-Bit, 100 kSPS/200 kSPS BiCMOS A/D Converters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD976ABN Datasheet(HTML) 12 Page - Analog Devices

Back Button AD976ABN Datasheet HTML 8Page - Analog Devices AD976ABN Datasheet HTML 9Page - Analog Devices AD976ABN Datasheet HTML 10Page - Analog Devices AD976ABN Datasheet HTML 11Page - Analog Devices AD976ABN Datasheet HTML 12Page - Analog Devices AD976ABN Datasheet HTML 13Page - Analog Devices AD976ABN Datasheet HTML 14Page - Analog Devices AD976ABN Datasheet HTML 15Page - Analog Devices AD976ABN Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
AD976/AD976A
–12–
REV. C
OUTPUT CODE – K
066
5
1015
2025
3035
2.0
–2.0
0
–0.5
–1.0
–1.5
1.0
0.5
1.5
40
45
50
55
60
100%
Figure 11. INL Plot
OUTPUT CODE – K
0
66
5
101520
25
30
35
2.0
–2.0
0
–0.5
–1.0
–1.5
1.0
0.5
1.5
40
45
50
55
60
100%
Figure 12. DNL Plot
DEGREES CELSIUS
–55
25
125
Figure 13. Reference Drift
LOAD CURRENT – 5mA/DIV
SOURCE CAPABILITY
SINK CAPABILITY
Figure 14. CAP (Pin 4) Load Regulation
90
80
0
50
40
30
70
60
20
10
POSITIVE INL DISTRIBUTION – LSB
Figure 15. Typical Positive INL Distribution (1516 Units)
90
0
70
60
50
40
80
10
NEGATIVE INL DISTRIBUTION – LSB
20
30
Figure 16. Typical Negative INL Distribution (1516 Units)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com