Electronic Components Datasheet Search
  English  ▼

X  

A0163D Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # A0163D
Description  ILLUMINATED OR NON-ILLUMINATED PUSHBUTTON SWITCHES Panel cut-out 횠16 (.630)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

A0163D Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  A0163D Datasheet HTML 1Page - List of Unclassifed Manufacturers A0163D Datasheet HTML 2Page - List of Unclassifed Manufacturers A0163D Datasheet HTML 3Page - List of Unclassifed Manufacturers A0163D Datasheet HTML 4Page - List of Unclassifed Manufacturers A0163D Datasheet HTML 5Page - List of Unclassifed Manufacturers A0163D Datasheet HTML 6Page - List of Unclassifed Manufacturers A0163D Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.apem.com
Bezel
Colour
PartNo
black
A0161A
red
A0161B
amber
A0161C
yellow
A0161D
green
A0161E
blue
A0161F
clear
A0161G
white
A0161J
black
A0162A
red
A0162B
amber
A0162C
yellow
A0162D
green
A0162E
blue
A0162F
clear
A0162G
white
A0162J
black
A0163A
red
A0163B
amber
A0163C
yellow
A0163D
green
A0163E
blue
A0163F
clear
A0163G
white
A0163J
(.945)
(.709)
(.709 DIA)
18.00
24.00
Ø18.00
(.020)
(.110)
(.335)
0.50
8.50
2.80
An indicator assembly requires:
screen+lamp+operator
Toordertheseelements,selectdesiredmodelnumbersfromtablesbelow.
Example:IP65rectangularindicatorwithredscreenand12VredLED=A0161B,A0142M1andA0171
1
2
3
Lamp
Voltage
PartNo
Filament
6.3V
A0141A
Filament
14V
A0141B
Filament
28V
A0141C
Filament
36V
A0141D
Filament
48V
A0141E
Filament
60V
A0141F
Neon
110V
A0143G
Neon
220V
A0143H
LED
6Vred
A0142L1
LED
6Vgreen
A0142L2
LED
6Vamber
A0142L3
LED
12Vred
A0142M1
LED
12Vgreen
A0142M2
LED
12Vamber A0142M3
LED
12Vblue
A0142M4
LED
12Vwhite
A0142M5
LED
24Vred
A0142N1
LED
24Vgreen
A0142N2
LED
24Vamber
A0142N3
LED
24Vblue
A0142N4
LED
24Vwhite
A0142N5
LED
48Vred
A0142P1
LED
48Vgreen
A0142P2
LED
48Vamber
A0142P3
Bezel
Description
PartNo
Indicator
A0171
Indicator
A0172
Indicator
A0173
Screen
Lamp
Operator
Unsealedswitches(IP40):
add‘01’toendofoperatormodelnumber
Screenengraving/insertablelegends:
contactAPEMComponents
Bezel:rectangularsquareround.
7
A01 SERIES
INDICATORS
Panel cut‑out Ø16 (.630)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com