Electronic Components Datasheet Search
  English  ▼

X  

AM27C128 Datasheet(PDF) 1 Page - Advanced Micro Devices

Part # AM27C128
Description  112dB 192kHz 24-BIT SCH DAC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM27C128 Datasheet(HTML) 1 Page - Advanced Micro Devices

  AM27C128 Datasheet HTML 1Page - Advanced Micro Devices AM27C128 Datasheet HTML 2Page - Advanced Micro Devices AM27C128 Datasheet HTML 3Page - Advanced Micro Devices AM27C128 Datasheet HTML 4Page - Advanced Micro Devices AM27C128 Datasheet HTML 5Page - Advanced Micro Devices AM27C128 Datasheet HTML 6Page - Advanced Micro Devices AM27C128 Datasheet HTML 7Page - Advanced Micro Devices AM27C128 Datasheet HTML 8Page - Advanced Micro Devices AM27C128 Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
FINAL
Publication# 11420
Rev: E Amendment/0
Issue Date: May 1998
Am27C128
128 Kilobit (16 K x 8-Bit) CMOS EPROM
DISTINCTIVE CHARACTERISTICS
s Fast access time
— Speed options as fast as 45 ns
s Low power consumption
— 20 µA typical CMOS standby current
s JEDEC-approved pinout
s Single +5 V power supply
s
±10% power supply tolerance standard
s 100% Flashrite™ programming
— Typical programming time of 2 seconds
s Latch-up protected to 100 mA from –1 V to
VCC + 1 V
s High noise immunity
s Versatile features for simple interfacing
— Both CMOS and TTL input/output compatibility
— Two line control functions
s Standard 28-pin DIP, PDIP, and 32-pin PLCC
packages
GENERAL DESCRIPTION
The Am27C128 is a 128-Kbit, ultraviolet erasable pro-
grammable read-only memory. It is organized as 16
Kwords by 8 bits per word, operates from a single +5 V
supply, has a static standby mode, and features fast
single address location programming. Products are
available in windowed ceramic DIP packages, as well
as plastic one time programmable (OTP) PDIP and
PLCC packages.
Data can be typically accessed in less than 45 ns, al-
lowing high-performance microprocessors to operate
without any WAIT states. The device offers separate
Output Enable (OE#) and Chip Enable (CE#) controls,
thus eliminating bus contention in a multiple bus micro-
processor system.
AMD’s CMOS process technology provides high
speed, low power, and high noise immunity. Typical
power consumption is only 80 mW in active mode, and
100 µW in standby mode.
All signals are TTL levels, including programming sig-
nals. Bit locations may be programmed singly, in
blocks, or at random. The device supports AMD’s
Flashrite programming algorithm (100 µs pulses), re-
sulting in a typical programming time of 2 seconds.
BLOCK DIAGRAM
11420E-1
A0–A13
Address
Inputs
PGM#
CE#
OE#
VCC
VSS
VPP
Data Outputs
DQ0–DQ7
Output
Buffers
Y
Gating
131,072
Bit Cell
Matrix
X
Decoder
Y
Decoder
Output Enable
Chip Enable
and
Prog Logic


Similar Part No. - AM27C128

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM27C1024 AMD-AM27C1024 Datasheet
165Kb / 12P
1 Megabit (65 K x 16-Bit) CMOS EPROM
AM27C1024-120 AMD-AM27C1024-120 Datasheet
165Kb / 12P
1 Megabit (65 K x 16-Bit) CMOS EPROM
AM27C1024-150 AMD-AM27C1024-150 Datasheet
165Kb / 12P
1 Megabit (65 K x 16-Bit) CMOS EPROM
AM27C1024-200 AMD-AM27C1024-200 Datasheet
165Kb / 12P
1 Megabit (65 K x 16-Bit) CMOS EPROM
AM27C1024-255 AMD-AM27C1024-255 Datasheet
165Kb / 12P
1 Megabit (65 K x 16-Bit) CMOS EPROM
More results

Similar Description - AM27C128

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8729 WOLFSON-WM8729 Datasheet
169Kb / 15P
24-bit, 192kHz Stereo DAC
logo
Asahi Kasei Microsystem...
AK4382 AKM-AK4382 Datasheet
251Kb / 21P
112dB 192kHz 24-BIT SCH DAC
logo
Advanced Linear Devices
ALD555 ALD-ALD555 Datasheet
35Kb / 4P
112dB 192kHz 24-BIT SCH DAC
logo
Asahi Kasei Microsystem...
AK4382A AKM-AK4382A Datasheet
246Kb / 21P
112dB 192kHz 24-Bit 2ch DAC
logo
Wolfson Microelectronic...
WM8726 WOLFSON-WM8726 Datasheet
228Kb / 20P
24-bit 192kHz Stereo DAC
WM8727 WOLFSON-WM8727_06 Datasheet
156Kb / 16P
24-bit 192kHz Stereo DAC
WM8729 WOLFSON-WM8729_06 Datasheet
222Kb / 18P
24-bit, 192kHz Stereo DAC
WM8762 WOLFSON-WM8762_06 Datasheet
164Kb / 15P
24-bit 192kHz Stereo DAC
logo
Asahi Kasei Microsystem...
AK4382AVT AKM-AK4382AVT Datasheet
184Kb / 21P
112dB 192kHz 24-Bit 2ch DS DAC
logo
Cirrus Logic
WM8761 CIRRUS-WM8761 Datasheet
173Kb / 23P
24-bit 192kHz Stereo DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com