Electronic Components Datasheet Search
  English  ▼

X  

CIF859 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # CIF859
Description  R챕f. AA15, AAC16, AAC20, AB15, ABC16, ABC20, ABD16, ABD20, AEB16, AEB20
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CIF859 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  CIF859 Datasheet HTML 1Page - List of Unclassifed Manufacturers CIF859 Datasheet HTML 2Page - List of Unclassifed Manufacturers CIF859 Datasheet HTML 3Page - List of Unclassifed Manufacturers CIF859 Datasheet HTML 4Page - List of Unclassifed Manufacturers CIF859 Datasheet HTML 5Page - List of Unclassifed Manufacturers CIF859 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
CIF
090917
Réf. V700043, V700044
Rien
Réf. F42202
Solder flux for repair
Packaging adapted to repair operations.
Frost flux is packaged in a syringe to have a very accurate deposit on the surface.
Each syringe is delivered with a manual plunger; it can be connected to a dispenser or due
to the standard syringe shape.
Description
Item Code
No clean frost flux with plunger, syringe 10 cc
F42 202
Réf. F42240
Lead free alloys
Description
Packaging
Item Code
Alloys Sn96.5Ag3Cu0.5, 12% of flux
syringe 10 ml
F42 240
Réf. I43410, I43411, I43412
THE NOZZLES FOR FILTRATEC® UNITS
Nozzles for FILTRATEC® units
Item Code
Aluminium nozzle Ø 50 mm, bevelled end 45°
I43 410
Black plastic nozzle Ø 32 mm
I43 411
Black plastic nozzle Ø 50 mm
I43 412
Edité le 13/11/2008
Page N°5/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com